Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 35Page - STMicroelectronics L9959 Datasheet HTML 36Page - STMicroelectronics L9959 Datasheet HTML 37Page - STMicroelectronics L9959 Datasheet HTML 38Page - STMicroelectronics L9959 Datasheet HTML 39Page - STMicroelectronics L9959 Datasheet HTML 40Page - STMicroelectronics L9959 Datasheet HTML 41Page - STMicroelectronics L9959 Datasheet HTML 42Page - STMicroelectronics L9959 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
DocID027540 Rev 3
39/49
L9959
SPI functional description
48
Table 36. Special register (SPECIAL_REG)
Bit
7
6
5
4
3
2
1
0
Name
Not specified
OLDAFILT
ER
Not
specified
SR
Not
specified
SPRCSPE
C
Controller access:
write-access: WR_SPECIAL
read-access: RD_SPECIAL
Bit
Name
Content
7
Not
specified
-
6
Not
specified
-
5
Not
specified
-
4
OLDAFILT
ER
Open-load filter in active mode only.
OLDAFILTER is a don't care in case of Off state
1: open-load in on detected after one retry
0: openload in on detected after 40 ms
3
Not
specified
-
2
SR
Voltage SR selection
1: fast slew rate
0: slow slew rate
1
Not
specified
-
0
SPRCSPE
C
SPREADSPECTRUM mode selection
1: spread spectrum = active
0: spread spectrum = disabled
Spread spectrum = active provides the internal state machine with slightly tittering clock.
Spread spectrum = disabled. The internal state machine runs with constant clock
frequency.
Reset
(5.4.1)
7
6
5
4
3
2
1
0
POR
0
0
010001
SPIR
0
0
010001
ENDISR
X
X
XXXXXX
RDR
X
X
XXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com