Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 8Page - STMicroelectronics L9959 Datasheet HTML 9Page - STMicroelectronics L9959 Datasheet HTML 10Page - STMicroelectronics L9959 Datasheet HTML 11Page - STMicroelectronics L9959 Datasheet HTML 12Page - STMicroelectronics L9959 Datasheet HTML 13Page - STMicroelectronics L9959 Datasheet HTML 14Page - STMicroelectronics L9959 Datasheet HTML 15Page - STMicroelectronics L9959 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Pins description
L9959
12/49
DocID027540 Rev 3
Table 4. L9959U (Single version in PSSO36) pin out
Pin
Symbol
Function
1
PGND
Ground:
Important: For the capability of driving the full current at the outputs, all ground pins must be
externally connected.
2
OUT1
The bridge outputs are built of a high-side p-channel and a low-side N-channel transistor.
3
SCK
Serial clock input:
This input controls the internal shift register of the SPI.
7CF
Current Proportional Feedback output:
The CF pin provides in conjunction with an external resistor an output current, which is
proportional to the H-Bridge current
8
/ABE
Bidirectional Ability/Enable Pin:
Open-Drain Output, which is pulled low in case of VDD over- and under-voltage. If the input
is pulled to low, all output stages are switched off.
9
GNDABE
Sense Ground for VDD monitoring
10,11,
12,13,
14,15,
16,17,
18,19,
20,21,
22,23,
24,25,
26,27,
29
NC
To be connected to GND on PCB.
28
AGND
Device Ground. (Connected to Exposed PAD)
30
VDD
VDD Supply: 5 V Supply.
31, 32
VS1
Power supply voltage for power stage outputs (external reverse protection required):
Important: For the capability of driving the full current at the outputs all pins of VS must be
externally connected.
33
DIS
Disable input :
DIS switches OUT1 and OUT2 to tristate
34
DIR
Direction input:
DIR pin controls the switch direction of OUT1 and OUT2.
35
PWM
PWM input:
PWM input switches OUT1 and OUT2.
36
OUT2
The bridge outputs are built of a high-side p-channel and a low-side N-channel transistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com