Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 40Page - STMicroelectronics L9959 Datasheet HTML 41Page - STMicroelectronics L9959 Datasheet HTML 42Page - STMicroelectronics L9959 Datasheet HTML 43Page - STMicroelectronics L9959 Datasheet HTML 44Page - STMicroelectronics L9959 Datasheet HTML 45Page - STMicroelectronics L9959 Datasheet HTML 46Page - STMicroelectronics L9959 Datasheet HTML 47Page - STMicroelectronics L9959 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Package information
L9959
44/49
DocID027540 Rev 3
Tolerance of form and position
aaa
0.20
0.0079
bbb
0.20
0.0079
ccc
0.10
0.0039
ddd
0.20
0.0079
eee
0.10
0.0039
ffff
0.20
0.0079
ggg
0.15
0.0059
VARIATIONS
Option A
D1
6.5
-
7.1
0.2559
-
0.2795
E2
4.1
-
4.7
0.1614
-
0.1850
Option B
D1
4.9
-
5.5
0.1929
-
0.2165
E2
4.1
-
4.7
0.1614
-
0.1850
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. Dimensions D and E1 do not include mold flash or protrusions. Allowable mold flash or protrusions is ‘0.25
mm’ per side D and ‘0.15 mm’ per side E1. D and E1 are Maximum plastic body size dimensions including
mold mismatch.
Table 37. PowerSSO-24 (exposed pad) package mechanical data (continued)
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com