Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 32Page - STMicroelectronics L9959 Datasheet HTML 33Page - STMicroelectronics L9959 Datasheet HTML 34Page - STMicroelectronics L9959 Datasheet HTML 35Page - STMicroelectronics L9959 Datasheet HTML 36Page - STMicroelectronics L9959 Datasheet HTML 37Page - STMicroelectronics L9959 Datasheet HTML 38Page - STMicroelectronics L9959 Datasheet HTML 39Page - STMicroelectronics L9959 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
SPI functional description
L9959
36/49
DocID027540 Rev 3
Note:
Reading this register does not reset the bits. Writing STACON_REG.DIACLR1 = 0 transfers
all latched errors to DIA_REG2 and resets DIA_REG1 afterwards, if there is no VS-
undervoltage.
Table 30. Diagnosis bits (DIA_REG1)
DIA21
DIA20
DIA11
DIA10
Description
Remark
0
0
0
1
Short Circuit to Ground at OUT1 (SCG1)
Latched
0
0
1
0
Short Circuit to Ground at OUT2 (SCG2)
Latched
0
1
0
1
Short Circuit to Battery at OUT1 (SCB1)
Latched
0
1
1
0
Short Circuit to Battery at OUT2 (SCB2)
Latched
0
1
1
1
Short Circuit over Load (SCL)
Latched
1
0
0
0
Short Circuit to Battery at Disabled Output
Latched
1
0
0
1
Short Circuit to Ground at Disabled Output
Latched
1
0
1
0
Open Load at disabled or active Output (OL)
Latched
1
1
0
1
Under Voltage at VS
Not Latched
1
1
1
1
No Failure
-
Table 31. Diagnosis register 2 (DIA_REG2)
Bit
7
6
5
4
3
2
1
0
Name
CurrRed
CurrLim
OT
Res
DIA21
DIA20
DIA11
DIA10
Bit
Name
Content
7
CurrRed
Current Reduction:
0, if temperature dependent current reduction is active This information bit is reset after
each read access
6
CurrLim
Current Limitation:
0, if current limitation is active This information bit is reset after each read access
5
OT
Over temperature
1 no over-temperature
0 over-temperature
4
Res
Reserved, 0
3
DIA21
Diagnosis Bits (see Table 32: Diagnosis bits (DIA_REG2))
2
DIA20
1
DIA11
0
DIA10
Reset(5.4.
1)
7
6
5
4
3
2
1
0
POR
1
1
1
0
1
1
1
1
SPIR
1
1
1
X
1
1
1
1
ENDISR
1
1
X
X
X
X
X
X
RDR
1
1
X
X
X
X
X
X
DIACLR2
1
1
1
X
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com