Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 25Page - STMicroelectronics L9959 Datasheet HTML 26Page - STMicroelectronics L9959 Datasheet HTML 27Page - STMicroelectronics L9959 Datasheet HTML 28Page - STMicroelectronics L9959 Datasheet HTML 29Page - STMicroelectronics L9959 Datasheet HTML 30Page - STMicroelectronics L9959 Datasheet HTML 31Page - STMicroelectronics L9959 Datasheet HTML 32Page - STMicroelectronics L9959 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
DocID027540 Rev 3
29/49
L9959
Application information
48
4.2.6
Open load (OL)
Open load can either be detected in active mode or while the output drivers are in a tri-state
condition, disabled by DIS or /ABE. Open load in active mode is enabled by setting the
OLDA in the configuration register (CONFIG_REG).
Open load in active mode
With OLDA = '1', the open load condition can only be diagnosed if an inductive load is used.
In normal operation, the output free wheels via the built-in diodes below ground, if the high-
side output driver is switched-off. If the output does not go below ground, an open load is
detected. It is possible to enable the filter OLDAFILTER by setting the dedicated bit 4 in
SPECIAL_REG (0 or 40ms). With OLDAFILTER = '1', the open-load will be recheck at the
next PWM cycle and if detected again, the failure will be confirmed in DIAG_REG1 (and
latched).
In case OLDAFILTER is set at '0' (40ms) the recheck will be executed after the filter time
expiration and next PWM pulse. If detected again, the failure will be confirmed (and
latched).
Note:
For Open-load in active mode L9959 works properly in case the duration of the transient
conditions is less than 40msec (Transient condition: function of starting current, ending
current, load electrical parameters, DC MOTOR mechanical characteristics...).
Open load in inactive mode
In inactive mode the open load is independent from the OLDAFILTER status (don't care
condition) and it is detected by applying a pull-down current (IPD) to both outputs.
A pull-up current is generated at one output to compensate these two output currents.
If the pull-up current is in the range of one pull-down current, an open load is diagnosed.
If the load is connected, the pull up current is in the range of the sum of both pull-down
currents.
An open load is detected, if the load resistance is above the open load resistance threshold;
no open load is detected, if it is below this threshold (ROL).
After the outputs are disabled, it takes the time tDIAGOL until the open load diagnostic can be
enabled. The open load settling time to reach the correct pull up current is tdiagOL1, the
open load filter time is tdiagOL2.
4.3
VS-undervoltage
VS is monitored for under-voltage. If VS goes below the VS-undervoltage threshold, the
outputs are switched to tristate after the time tFUV.
4.4
Inverse current at VS
An inverse current of maximum 5 A, which decreases during a period of max 250 ms out of
the device at VS does not lead to any destruction. After the exposure to such an inverse
current the device returns to the specified functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com