Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969U Datasheet (PDF) - STMicroelectronics

L9969U Datasheet PDF - STMicroelectronics
Part # L9969U
Download  L9969U Download
File Size   3677.92 Kbytes
Page   70 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive chip for single and dual H-bridge

L9969U Datasheet (PDF)

Go To PDF Page Download Datasheet
L9969U Datasheet PDF - STMicroelectronics

Part # L9969U
Download  L9969U Click to download

File Size   3677.92 Kbytes
Page   70 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive chip for single and dual H-bridge

L9969U Datasheet (HTML) - STMicroelectronics


L9969U Product details

Features
• AEC-Q100 qualified
• Full path RDS(on) less than 540 mΩ
• Nominal continuous load current > 3 A
• Operating battery supply voltage 4.5 V to 28 V
• Operating VDD supply voltage 4.5 V to 5.5 V
• All ECU internal pins can withstand up to 18 V
• Output switching frequency up to 20 kHz
• Monitoring of VDD supply voltage including bidirectional switch-off pin NABE
• Overtemperature and short-circuit protection
• Full diagnosis capability
• Output stage with SPI-adjustable current limitation 5-8.6 A in 3 steps (two-point
regulation)
• Fast switch-off open-drain input/output
• Current-monitoring with current feedback output signal CF
• Reliable full diagnostic capability
• Settable chip-address via bond-wire configuration on the silicon or E-Fuse
• SPI-interface for configuration and diagnosis
• Error history in diagnosis register
• Two independent enable pins: "NABE" and "DIS"
• Control of power stages by SPI or two input signals, PWM and DIR
(configurable via SPI)
• Logic levels 5 V compatible
• Conformity to improved EMC requirements due to smart H-bridge switching
• Full ISO 26262 compliant, ASIL-B (D) systems ready




Similar Part No. - L9969U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9969U STMICROELECTRONICS-L9969U Datasheet
1Mb / 70P
Automotive chip for single and dual H-bridge
16-Nov-2022
More results


Similar Description - L9969U

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33486 MOTOROLA-MC33486 Datasheet
392Kb / 9P
Dual High Side Switch for H-Bridge Automotive Applications
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
STMicroelectronics
VNH7013XPTR-E STMICROELECTRONICS-VNH7013XPTR-E Datasheet
768Kb / 24P
Automotive integrated H-bridge
20-Jan-2012
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
Single and dual PMOS high-side H-bridge
28-Oct-2015
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
L9960 STMICROELECTRONICS-L9960 Datasheet
1Mb / 95P
Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
02-Feb-2021
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
H-bridge gate driver for automotive applications
24-Feb-2021
VNH9013Y STMICROELECTRONICS-VNH9013Y Datasheet
920Kb / 23P
Automotive integrated H-bridge
17-Jan-2017
L9969X STMICROELECTRONICS-L9969X Datasheet
1Mb / 70P
Automotive chip for single and dual H-bridge
16-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com