Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969U Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 5Page - STMicroelectronics L9969U Datasheet HTML 6Page - STMicroelectronics L9969U Datasheet HTML 7Page - STMicroelectronics L9969U Datasheet HTML 8Page - STMicroelectronics L9969U Datasheet HTML 9Page - STMicroelectronics L9969U Datasheet HTML 10Page - STMicroelectronics L9969U Datasheet HTML 11Page - STMicroelectronics L9969U Datasheet HTML 12Page - STMicroelectronics L9969U Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
2
Electrical specifications
2.1
Operating range
Within the operating range the part operates as specified and without parameter deviations. The device may not
operate properly if maximum operating conditions are exceeded.
Once taken beyond the operative ratings and returned back within, the part will recover with no damage or
degradation.
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
Table 4. Operating range
Symbol
Parameter
Condition
Min Typ Max Unit
VS_or
VS operative range
-
5
-
18
V
VDD_or
VDD operative range
-
4.5
-
5.2
V
Tj
Junction temperature
-
-40
-
150
°C
VVS_slew
Maximum slew rate on VS (no change of parameters)
VDD = 5 V
IOUT = 3 A
VS = 6 V, 10 V, 14 V, 18 V
-
-
20
V/µs
VGND_DELTA Voltage differences between GND pins
-
-0.3
-
0.3
V
2.2
Thermal data
Table 5. Temperature data
Symbol
Description
Min
Typ
Max
Unit
Tamb
Operating temperature (ECU environment)
-40
-
125
°C
Tj
Operating junction temperature
-40
-
150
°C
Tstg
Storage temperature
-55
-
150
°C
RTh j-amb
Thermal resistance junction-to-ambient for L9969T PSSO36
-
23.9
-
°C/W
RTh j-amb
Thermal resistance junction-to-ambient for L9969S PSSO36
-
25.4
-
°C/W
R Th j-amb
Thermal resistance junction-to-ambient for L9969S PSSO24
-
25.4
-
°C/W
R Th j-case_bot
Thermal resistance junction-to-case bottom for L9969T PSSO36
-
1
-
°C/W
R Th j-case_bot
Thermal resistance junction-to-case bottom for L9969S PSSO36
-
2
-
°C/W
R Th j-case_bot
Thermal resistance junction-to-case bottom for L9969S PSSO24
-
2
-
°C/W
2.2.1
Temperature and load profile
The IC is designed for temperature profile that is transferred for Tj = 175 °C at t ≥ 1500 h.
L9969x
Electrical specifications
DS14029 - Rev 6
page 9/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com