Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969U Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 18Page - STMicroelectronics L9969U Datasheet HTML 19Page - STMicroelectronics L9969U Datasheet HTML 20Page - STMicroelectronics L9969U Datasheet HTML 21Page - STMicroelectronics L9969U Datasheet HTML 22Page - STMicroelectronics L9969U Datasheet HTML 23Page - STMicroelectronics L9969U Datasheet HTML 24Page - STMicroelectronics L9969U Datasheet HTML 25Page - STMicroelectronics L9969U Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
DCmatching = 0
tdoff11_dcm0
Output HS OFF delay
PWM or DIR 50% → OUT 80%
DCmatching = 0
SR = 11
-
-
6
µs
tdoff00_dcm1
Output HS OFF delay
PWM or DIR 50% → OUT 80%
DCmatching = 1
SR = 00
-
-
10.5
µs
tdoff01_dcm1
Output HS OFF delay
PWM or DIR 50% → OUT 80%
DCmatching = 1
SR = 01
-
-
7
µs
tdoff10_dcm1
Output HS OFF delay
PWM or DIR 50% → OUT 80%
DCmatching = 1
SR = 10
-
-
6
µs
tdoff11_dcm1
Output HS OFF delay
PWM or DIR 50% → OUT 80%
DCmatching = 1
SR = 11
-
-
6
µs
tddelta00_dcm0
Delta HS ON/OFF delay
DCmatching = 0
SR = 00
-5
-
18
µs
tddelta01_dcm0
Delta HS ON/OFF delay
DCmatching = 0
SR = 01
-1.5
-
10
µs
tddelta10_dcm0
Delta HS ON/OFF delay
DCmatching = 0
SR = 10
-1.5
-
1.5
µs
tddelta11_dcm0
Delta HS ON/OFF delay
DCmatching = 0
SR = 11
-1.5
-
1.5
µs
tddelta00_dcm1
Delta HS ON/OFF delay
DCmatching = 1
SR = 00
-4
-
4
µs
tddelta01_dcm1
Delta HS ON/OFF delay
DCmatching = 1
SR = 01
-2
-
2
µs
tddelta10_dcm1
Delta HS ON/OFF delay
DCmatching = 1
SR = 10
-1.5
-
1.5
µs
tddelta11_dcm1
Delta HS ON/OFF delay
DCmatching = 1
SR = 11
-1
-
1
µs
tdon00_spi
Output HS ON delay
(SPI control)
SS 50% → OUTx 20%
DCmatching = 0
SR = 00
-
-
15
µs
tdon01_spi
Output HS ON delay
(SPI control)
SS 50% → OUTx 20%
DCmatching = 0
SR = 01
-
-
10
µs
tdon10_spi
Output HS ON delay
(SPI control)
SS 50% → OUTx 20%
DCmatching = 0
SR = 10
-
-
6
µs
L9969x
Functional description
DS14029 - Rev 6
page 22/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com