Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969U Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 26Page - STMicroelectronics L9969U Datasheet HTML 27Page - STMicroelectronics L9969U Datasheet HTML 28Page - STMicroelectronics L9969U Datasheet HTML 29Page - STMicroelectronics L9969U Datasheet HTML 30Page - STMicroelectronics L9969U Datasheet HTML 31Page - STMicroelectronics L9969U Datasheet HTML 32Page - STMicroelectronics L9969U Datasheet HTML 33Page - STMicroelectronics L9969U Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
3.2.5
Output control
The output stages can be controlled either by two input signals ‘PWM’ and ‘DIR’ (parallel control), or via SPI.
Parallel control is the default state.
In order to operate the power stages via SPI bus, the CONFIG_REG.MUX must be set to 0. In this case, the
bridges follow the bit values of SDIR and SPWM, in the register CONFIG_REG. Both releasing signals DIS and
NABE keep their effectiveness in this (SPI-controlled) mode of operation. However, when SPI-control mode is
selected, signals on PWM and DIR are ignored.
The bit CONFIG_REG.FW is used to switch between the active free wheeling (CONFIG_REG.FW = 1), where the
body diode is short cut by its transistor, or the passive free wheeling (CONFIG_REG.FW = 0), where the free
wheeling is driven only through the body diode. The active free wheeling (CONFIG_REG.FW = 1) is the default
state; the free wheeling strategy (active versus passive) applies not only to the regular operation of the power
stage but also to the current limitation.
3.2.6
Protection and monitoring
Both output stages feature the following diagnostic functions:
•
Short to Battery voltage (SCB). Detection is performed when low side-switches are turned on. The result is
reported in the register DIA_REG1.
•
Short to Ground (SCG). Detection is performed when high side-switches are turned on. The result is
reported in the register DIA_REG1.
•
Short across Load (SCL). Detection is performed by an appropriate procedure (combination SCB, SCG).
The result is reported in the register DIA_REG1.
•
Open Load (OL), available in both active and inactive mode. The result is reported in the register
DIA_REG1. Per default only the OL detection in passive is running. If enabled (CONFIG_REG.OLDA → 1),
the OL detection in active mode (OLDA) is run automatically.
•
Over Temperature (OT), available in active and inactive mode. Once OT is detected, the power stage is
switched off. The result is reported in the register DIA_REG1.
Each short-circuits error has to be confirmed before it is stored in the DIA_REG1. In practice, if any error occurs
the first time, the HBR has to react correctly. For instance, at SCG at OUT1, the HBR is switched off. After the
time tretest the HBR is switched on again. If now the SCG at OUT1 appears again, it is confirmed. If it is not
confirmed, the first entry is to be skipped. Only confirmed errors are stored in the DIA_REG1. Open-load in active
(OLDA) errors has to be retested as well (refer to Section 3.2.6.9: Open Load diagnosis in active mode). After
each confirmed short-circuits error, the HBR is switched off and is not automatically switched on again, even if the
error has disappeared in between.
3.2.6.1
Current feedback
An analog output signal CF proportional to the load current is provided. The signal CF is valid
for 6.5 V < VS < 28 V.
5 V < VBATT < 18 V, 4.5 V < VDD < 5.5 V, TJ= -40 °C to 150 °C, unless otherwise specified.
Table 17. Current feedback parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
CF_0%
CF output voltage with current at OUTx = 0% * IL
(CLx)
ICF > -1.2mA
0.008 *
VDD
0.014 *
VDD
0.036 * VDD
V
CF_5%
CF output voltage with current at OUTx = 5% * IL
(CLx);
percentage vs. VDD
ICF > -1.2mA
5.27
5.73
6.19
%
CF_40%
CF output voltage with current at OUTx = 40% * IL
(CLx);
percentage vs. VDD
ICF > -1.2mA
33.7
36
38.3
%
CF_100%
CF output voltage with current at OUTx = 100% * IL
(CLx);
percentage vs. VDD
ICF > -1.2mA
76
88
100
%
L9969x
Functional description
DS14029 - Rev 6
page 30/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com