Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969U Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 45Page - STMicroelectronics L9969U Datasheet HTML 46Page - STMicroelectronics L9969U Datasheet HTML 47Page - STMicroelectronics L9969U Datasheet HTML 48Page - STMicroelectronics L9969U Datasheet HTML 49Page - STMicroelectronics L9969U Datasheet HTML 50Page - STMicroelectronics L9969U Datasheet HTML 51Page - STMicroelectronics L9969U Datasheet HTML 52Page - STMicroelectronics L9969U Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
3.2.7.6.3
Data register (read and write access)
Table 36. Register CONFIG_REG
Bit
7
6
5
4
3
2
1
0
Bit-Name
FW
MUX
SDIR
SPWM
CL1
CL2
RESET
OLDA
POR
1
1
1
1
1
0
1
0
SPIR
1
1
1
1
1
0
1
0
ENDISR
x
x
x
x
x
x
1
x
DISR
x
x
x
x
x
x
x
x
RDR
x
x
x
x
x
x
1
x
Controller access: read/write
(write-access: WR_CONFIG)
(read-access: RD_CONFIG)
Bit
Name
Description
7
FW
‘1’: free wheeling with active short cut of body diode
(latched)
‘0’: free wheeling only via body diode
(r/w)
6
MUX
‘1’: control by parallel inputs PWM and DIR
(latched)
‘0’: control by SPI bits SPWM and SDIR
(r/w)
5
SDIR
Same effect like the signal DIR, but transmitted via SPI
‘0’: same effect like DIR = Low
(latched)
‘1’: same effect like DIR = High
(r/w)
4
SPWM
Same effect like the signal PWM, but transmitted via SPI
‘0’: same effect like PWM = Low
(latched)
‘1’: same effect like PWM = High
(r/w)
3
CL1
See Table 37 below
(latched) (r/w)
2
CL2
1
RESET
‘1’: no change
(r/w)
‘0’: reset of device configuration to default
0
OLDA
‘1’: Open Load diagnosis in active operation switched on
(latched)
‘0’: Open Load diagnosis in active operation switched off
(r/w)
Table 37. Current Level (CONFIG_REG)
CL1
CL2
Description
Remark
0
0
No change
No change
0
1
2
5.0 A
1
0
3 (reset value)
6.6 A
1
1
4
8.6 A
Table 38. Register STATCON_REG
Bit
7
6
5
4
3
2
1
0
Bit-Name CONFIG2 CONFIG1
CONFIG0
DIACLR2
DIACLR1
STATUS2 STATUS1 STATUS0
POR
1
1
0
1
1
x
x
x
SPIR
1
1
0
1
1
x
x
x
L9969x
Functional description
DS14029 - Rev 6
page 49/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com