Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969U Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 12Page - STMicroelectronics L9969U Datasheet HTML 13Page - STMicroelectronics L9969U Datasheet HTML 14Page - STMicroelectronics L9969U Datasheet HTML 15Page - STMicroelectronics L9969U Datasheet HTML 16Page - STMicroelectronics L9969U Datasheet HTML 17Page - STMicroelectronics L9969U Datasheet HTML 18Page - STMicroelectronics L9969U Datasheet HTML 19Page - STMicroelectronics L9969U Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
A low logic level at “NABE” and/or a high logic level at “DIS” switch off all output stages. In this case the access to
the SPI is possible and the bit NABE_DIS in the DIA_REG1 is set to low.
Two separate pins are provided for NABE and DIS. For safety reasons, these signals are routed separately and
ideally with a certain distance from each other on the silicon.
2.6.2.6
Testing of VDD monitoring
VDD Monitoring cannot be switched off. The output stages are switched off by VDD monitoring if under or
overvoltage on VDD is detected. Testing of VDD monitoring is possible via SPI.
Testing of upper thresholds:
By writing STATCON_REG, bit CONFIG2 = 0, the VDD test mode is activated.
If STATCON_REG, bit CONFIG1 = 0, the upper VDD test threshold is lowered (overvoltage threshold is reduced
to VTEST_THH).
As a result, STATCON_REG, bit STATUS0 = 0 and DIA_REG1, bit NABE_DIS = 0.
Overvoltage is reported and pin NABE is pulled low.
Once the test routine is ended (CONFIG2 = 1) or the upper VDD test threshold is reset to its standard value,
STATUS0=1 (no overvoltage anymore) and NABE_DIS =1. Pin NABE is pulled high.
The same test routine can be performed with STATCON_REG, bit CONFIG0 = 1 (latching of overvoltage
condition). In that case, ending the test routine will not automatically reset bit NABE_DIS and pin NABE.
Testing of lower thresholds:
By writing STATCON_REG, bit CONFIG2 = 0, the VDD test mode is activated.
If STATCON_REG, bit CONFIG1 = 1, the lower VDD test threshold is lifted (undervoltage threshold is increased
to VTEST_THL).
As a result, STATCON_REG, bit STATUS1 = 0 and DIA_REG1, bit NABE_DIS = 0.
Undervoltage is reported and pin NABE is pulled low.
Once the test routine is ended (CONFIG2 = 1) or the lower VDD test threshold is reset to its standard value,
STATUS1=1 (no undervoltage anymore) and NABE_DIS =1. Pin NABE is pulled high.
Figure 9. Circuit diagram of VDD monitoring
L9969x
Electrical specifications
DS14029 - Rev 6
page 16/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com