Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969U Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 36Page - STMicroelectronics L9969U Datasheet HTML 37Page - STMicroelectronics L9969U Datasheet HTML 38Page - STMicroelectronics L9969U Datasheet HTML 39Page - STMicroelectronics L9969U Datasheet HTML 40Page - STMicroelectronics L9969U Datasheet HTML 41Page - STMicroelectronics L9969U Datasheet HTML 42Page - STMicroelectronics L9969U Datasheet HTML 43Page - STMicroelectronics L9969U Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
3.2.7
SPI Interface
3.2.7.1
SPI general description
The SPI interface establishes a communication between the H-bridge and the systems microcontroller. The H-
bridge is always operated in the slave mode whereas the microcontroller provides the master functions.
By applying an active slave select signal at NSS, the H-bridge is selected by the SPI master. SI is the data input
(Slave In), SO the data output (Slave Out). Via SCK (Serial Clock Input), the SPI clock is provided by the SPI
master.
In case of inactive slave select signal (high), the data output SO is in high impedance state (tristate).
Depending on the application, the first two bits of an instruction may be used to establish an extended device-
addressing. Doing this, one common NSS channel may be shared by up to 4 Slave-devices.
Thresholds are independent from VDD and defined in a way to be compatible to 3.3 V and 5.0 V ports, if VDD is
in its operational range.
In absence of VS, the full functionality of the SPI-interface is still given.
Figure 27. SPI block diagram
For twin version, since there are two NSS pins competing for the data lines, they must not be asserted
simultaneously. In the event that this occurs, the data lines will be managed as shown in the figure below:
L9969x
Functional description
DS14029 - Rev 6
page 40/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com