Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969U Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 13Page - STMicroelectronics L9969U Datasheet HTML 14Page - STMicroelectronics L9969U Datasheet HTML 15Page - STMicroelectronics L9969U Datasheet HTML 16Page - STMicroelectronics L9969U Datasheet HTML 17Page - STMicroelectronics L9969U Datasheet HTML 18Page - STMicroelectronics L9969U Datasheet HTML 19Page - STMicroelectronics L9969U Datasheet HTML 20Page - STMicroelectronics L9969U Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
Table 11. VDD Monitoring parameters
Symbol
Parameter
Condition
Min
Typ Max
Unit
VDD
VDD voltage range at which monitoring circuit
shows defined behavior on pin NABE
-
VDD_POR
-
18
V
VDD_THL
VDD Undervoltage threshold
-
4.2
-
4.4
V
VDD_THH
VDD Overvoltage threshold
-
5.25
-
5.5
V
tFIL_OFF
Filtering time before switching off, when VDD
voltage goes out of thresholds
-
60
-
135
µs
tFIL_ON
Filtering time before switching on, when VDD
comes back inside thresholds
-
60
-
135
µs
VTEST_THL
VDD Undervoltage threshold during VDD
Monitoring test
-
5.25
-
5.5
V
VTEST_THH
VDD Overvoltage threshold during VDD
Monitoring test
-
4.2
-
4.4
V
VDD_slew
Maximum slew rate on VDD without any change
of parameters of VDD monitoring
-
500
-
-
mV/ µs
∆VDD_THx
Change of VDD_THH or VDD_THL, in case of
inverse current on VS
-
-0.1
-
0.1
V
VABE_INL
NABE input low level
-
-0.3
-
1.65
V
VABE_INH
NABE input high level
-
3.15
-
18
V
VABE_INHYS NABE input hysteresis
-
0.15
-
1.0
V
IABE_IN
NABE input current
VABE = 18 V
20
-
70
µA
IABE_IN
NABE input current
VABE = 5 V
20
40
60
µA
IABE_IN
NABE input current
0 V < VABE < 1,5 V
0
-
60
µA
VABE_OUTL NABE output voltage when VDD below THL
0 V < VDD < VDD_THL
IABE_OUTL < 2.5 mA
0.0
-
1.0
V
VABE_OUTL NABE output voltage when VDD above THH
VDD_THH < VDD < 18 V
IABE_OUTL < 7.5 mA
0.0
-
1.2
V
VABE_OUTL Passive output low voltage
Pull down current source to
GND, no load Measure
voltage at NABE (if NABE is
high impedance).
0.0
-
1.0
V
tABE
NABE pulse width (minimum width required for
setting/resetting SPI bits or diagnostic information
-
0.5
1
1.5
µs
∆IABE
Change of input current of NABE output pin in
case of inverse current on VS
-
-100
-
100
µA
L9969x
Electrical specifications
DS14029 - Rev 6
page 17/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com