Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969U Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 29Page - STMicroelectronics L9969U Datasheet HTML 30Page - STMicroelectronics L9969U Datasheet HTML 31Page - STMicroelectronics L9969U Datasheet HTML 32Page - STMicroelectronics L9969U Datasheet HTML 33Page - STMicroelectronics L9969U Datasheet HTML 34Page - STMicroelectronics L9969U Datasheet HTML 35Page - STMicroelectronics L9969U Datasheet HTML 36Page - STMicroelectronics L9969U Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
Note:
•
The feature VDD monitoring and the corresponding NABE behavior is not considered here as a power
stage error. This is described in Section 2.6.2: NABE and VDD monitoring and in the explanation of
VDDMON_REG.
•
There is a difference between errors and information. Information is: CURRLIM (current limitation,
reported in DIA_REG2) and TDCR (temperature dependent current reduction, reported in DIA_REG2).
During the retest procedure for confirming an error, the H-bridge will not react on any signal (and on any signal
transition) on PWM or DIR.
Also, after every confirmed error the H-bridge is switched off and is not automatically switched-on again, even if
the error has disappeared in between.
3.2.6.5
Short circuit detection
Both high side power stages are supervised continuously to detect any short circuit to ground or short circuit
across load on OUT1 or OUT2. If the current rises during the blanking time tb beyond the limit Iouk, a short circuit
to ground is detected. The H-bridge is switched off. After that, the error has to be confirmed in a first step, and it
has to be checked whether there is only a simple short cut present or a SCL in a second step. This is to
distinguish by an appropriate internal test procedure, refer to Section 3.2.6.6: Short circuit across load.
Both low side power stages are supervised to detect any short circuit to battery or short circuit across load on
OUT1 or OUT2. If the current rises during the blanking time tb beyond the limit Iouk, a short circuit to battery or
short circuit across load is detected. The HBR is switched off. Then the error has to be confirmed, the HBR is
switched on again. If the short circuit to battery is detected again, the error will be reported to the DIA_REG1. This
is to distinguish by an appropriate internal test procedure, refer to Section 3.2.6.6: Short circuit across load.
Figure 20. Short circuit detection principle
IOUT
IOC
t
ICL
Blanking
Time tb
tDF_OFF
tDF
Operating Mode with
Current Limiting
Short-Circuit
In fault case at any output pin, all output stages are switched off. Each half-bridge output stage is equipped with a
short circuit protection up to battery voltages of 40 V.
Parameters for overcurrent detection are specified in the range of 8 V to 18 V. The specified limits may vary in the
range below 8 V (down to 5.5 V of min VSx) or above 18 V, however the function itself is guaranteed up to 40 V at
VS.
A short circuit condition at level 3 shall be detected, if the circuit, attached to the output, has an impedance ≤ 0.5
Ω and ≤ 25 µH at battery voltage of 13 V and 25 °C junction temperature.
In order to get a good robustness against wrongly detected short circuits, especially with high battery voltages,
L9969 is designed in order to keep a certain gap between short-circuit limit and current limitation threshold under
all circumstances.
5 V < VBATT < 18 V, 4.5 V < VDD < 5.5 V, TJ= -40 °C to 150 °C, unless otherwise specified.
L9969x
Functional description
DS14029 - Rev 6
page 33/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com