Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969U Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 6Page - STMicroelectronics L9969U Datasheet HTML 7Page - STMicroelectronics L9969U Datasheet HTML 8Page - STMicroelectronics L9969U Datasheet HTML 9Page - STMicroelectronics L9969U Datasheet HTML 10Page - STMicroelectronics L9969U Datasheet HTML 11Page - STMicroelectronics L9969U Datasheet HTML 12Page - STMicroelectronics L9969U Datasheet HTML 13Page - STMicroelectronics L9969U Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
2.3
Absolute maximum ratings
2.3.1
Supply voltage
There is no special sequence to switch on the different voltages (VS, VDD and voltages on any input pins).
Even if there is only VS applied, signals on the internal inputs or outputs, even up to 18 V, must not result in any
kind of faulty reaction of the H-bridge or in a destruction of the H-bridge.
Table 6. Absolute Maximum Ratings
Symbol
Parameter
Condition
Min Typ
Max
Unit
VVS
VS Static destruction proof
VDD = 0 V
VDD = 5 V
-1.0
-
28
V
VVS
VS Dynamic destruction proof; see load dump pulse
VDD = 0 V
VDD = 5 V
-1.0
-
40
V
IVS,INV Dynamic destruction proof t < 0.25 s
VDD = 0 V
VDD = 5 V
-
-
5.0
A
VVDD
VDD Static destruction proof
VS = 0 V
VS = 18 V
-0.5
-
18
V
Vcp
Charge Pump Destruction proof
VDD = 0 V
VDD = 5 V
-
-
VVS + CP
voltage
V
VOutx
Vout static destruction proof
VS = 28 V
VDD = 0 V
VDD = 5 V
Ix = 3 A
-1.0
-
VS
+Vf
V
VOutx
Vout dynamic destruction proof, see load dump pulse)
load condition: 0.8 mH to 1 mH, PWM fmax = 20 kHz)
VS = 40 V
VDD = 0 V
VDD = 5 V
Ix = 10 A
-
-
VS
+Vf
V
IOutx
Iout dynamic destruction proof t < 0.5 s (load
condition: 0.8 mH to 1 mH, PWM fmax = 20 kHz)
VOUTx ≤ VS + Vf
VDD = 0 V
VDD = 5 V
-
-
10
A
Vx
Static destruction proof for internal pins
VS = 0 V
VS = 18 V
VDD = 0 V
VDD = 5 V
VDD = 18 V
-0.5
-
18
V
VVS_slew
Maximum slew rate on VS (no destruction and no
change of parameters)
VDD = 5 V
IOUT = 3 A
VS = 6 V, 10 V, 14 V, 18 V
-
-
60
V/µs
Note:
Vf is the voltage drop (by the defined current) over the body diode of the H-bridge driver.
L9969x
Electrical specifications
DS14029 - Rev 6
page 10/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com