Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2321 Datasheet (PDF) - Texas Instruments

INA2321 Datasheet PDF - Texas Instruments
Part # INA2321
Download  INA2321 Download
File Size   609.62 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description microPower, Single-Supply, CMOS Instrumentation Amplifier

INA2321 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA2321 Datasheet PDF - Texas Instruments

Part # INA2321
Download  INA2321 Click to download

File Size   609.62 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description microPower, Single-Supply, CMOS Instrumentation Amplifier

INA2321 Datasheet (HTML) - Texas Instruments


INA2321 Product details

FEATURES
LOW QUIESCENT CURRENT: 40μA/channel
Shut Down: < 1μA
HIGH GAIN ACCURACY: G = 5, 0.02%,
2ppm/°C
GAIN SET WITH EXTERNAL RESISTORS
LOW OFFSET VOLTAGE: ±200μV
HIGH CMRR: 94dB
LOW BIAS CURRENT: 10pA
BANDWIDTH: 500kHz, G = 5V/V
RAIL-TO-RAIL OUTPUT SWING: (V+) − 0.02V
WIDE TEMPERATURE RANGE:
−55°C to +125°C
SINGLE VERSION IN MSOP-8 PACKAGE AND
DUAL VERSION IN TSSOP-14 PACKAGE

APPLICATIONS
INDUSTRIAL SENSOR AMPLIFIERS:
Bridge, RTD, Thermistor, Position
PHYSIOLOGICAL AMPLIFIERS:
ECG, EEG, EMG
A/D CONVERTER SIGNAL CONDITIONING
DIFFERENTIAL LINE RECEIVERS WITH GAIN
FIELD UTILITY METERS
PCMCIA CARDS
COMMUNICATION SYSTEMS
TEST EQUIPMENT
AUTOMOTIVE INSTRUMENTATION

DESCRIPTION
The INA321 family is a series of rail-to-rail output,
micropower CMOS instrumentation amplifiers that offer
wide-range, single-supply, as well as bipolar-supply
operation. The INA321 family provides low-cost, low-noise
amplification of differential signals with micropower
current consumption of 40μA. When shutdown, the
INA321 has a quiescent current of less than 1μA.
Returning to normal operations within microseconds, the
shutdown feature makes the INA321 optimal for
low-power battery or multiplexing applications.
Configured internally for 5V/V gain, the INA321 offers
exceptional flexibility with user-programmable external
gain resistors. The INA321 reduces common-mode error
over frequency and with CMRR remaining high up to 3kHz,
line noise and line harmonics are rejected.
The low-power design does not compromise on bandwidth
or slew rate, making the INA321 ideal for driving sample
Analog-to-Digital (A/D) converters as well as
general-purpose applications. With high precision, low
cost, and small packaging, the INA321 outperforms
discrete designs, while offering reliability and
performance.




Similar Part No. - INA2321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2321 TI-INA2321 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA2321 BURR-BROWN-INA2321 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA2321 TI2-INA2321 Datasheet
609Kb / 25P
microPower, Single-Supply, CMOS Instrumentation Amplifier
REVISED JANUARY 2006
INA2321EA TI2-INA2321EA Datasheet
609Kb / 25P
microPower, Single-Supply, CMOS Instrumentation Amplifier
REVISED JANUARY 2006
INA2321EA/250 TI-INA2321EA/250 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
More results


Similar Description - INA2321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV.A
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627_07 Datasheet
1Mb / 24P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA322EA TI-INA322EA Datasheet
767Kb / 21P
microPower, Single-Supply, CMOS NTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AD627 AD-AD627_16 Datasheet
977Kb / 25P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com