Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2321 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA2321
Description  microPower, Single-Supply, CMOS Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2321 Datasheet(HTML) 5 Page - Texas Instruments

  INA2321 Datasheet HTML 1Page - Texas Instruments INA2321 Datasheet HTML 2Page - Texas Instruments INA2321 Datasheet HTML 3Page - Texas Instruments INA2321 Datasheet HTML 4Page - Texas Instruments INA2321 Datasheet HTML 5Page - Texas Instruments INA2321 Datasheet HTML 6Page - Texas Instruments INA2321 Datasheet HTML 7Page - Texas Instruments INA2321 Datasheet HTML 8Page - Texas Instruments INA2321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
INA321
INA2321
SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006
www.ti.com
5
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = 5V, VCM =1/2VS, RL = 25kΩ, and CL = 50pF, unless otherwise noted.
GAIN vs FREQUENCY
10
Frequency (Hz)
100
1k
10k
100k
1M
10M
80
70
60
50
40
30
20
10
0
−10
−20
Gain = 500
Gain = 100
Gain = 25
Gain = 5
COMMON−MODE REJECTION RATIO
vs FREQUENCY
10
Frequency (Hz)
100
1k
10k
100k
120
100
80
60
40
20
0
POWER−SUPPLY REJECTION RATIO
vs FREQUENCY
1
Frequency (Hz)
10
100
1k
10k
100k
100
90
80
70
60
50
40
30
20
10
0
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
100
Frequency (Hz)
1k
10k
100k
1M
10M
6
5
4
3
2
1
0
V
S =5.5V
V
S =5.0V
V
S =2.7V
NOISE vs FREQUENCY
1
Frequency (Hz)
10
100
10k
1k
100k
10k
1k
100
10
100
10
1
0.1
0.1Hz TO 10Hz VOLTAGE NOISE
1s/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com