Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2321 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA2321
Description  microPower, Single-Supply, CMOS Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2321 Datasheet(HTML) 2 Page - Texas Instruments

  INA2321 Datasheet HTML 1Page - Texas Instruments INA2321 Datasheet HTML 2Page - Texas Instruments INA2321 Datasheet HTML 3Page - Texas Instruments INA2321 Datasheet HTML 4Page - Texas Instruments INA2321 Datasheet HTML 5Page - Texas Instruments INA2321 Datasheet HTML 6Page - Texas Instruments INA2321 Datasheet HTML 7Page - Texas Instruments INA2321 Datasheet HTML 8Page - Texas Instruments INA2321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
INA321
INA2321
SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+ to V−
7.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals Voltage(2)
(V−) − (0.5V) to (V+) + (0.5V)
. . .
Current(2)
10mA
. . . . . . . . . . . . . . . . . . . . .
Output Short-Circuit(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply
rails should be current limited to 10mA or less.
(3) Short-circuit to ground, one amplifier per package.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments
recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
SINGLE
INA321E
MSOP-8
DGK
−55
°C to +125°C
C21
INA321E/250
Tape and Reel, 250
″
″
″
″
″
INA321E/2K5
Tape and Reel, 2500
INA321EA
MSOP-8
DGK
−55
°C to +125°C
C21
INA321EA/250
Tape and Reel, 250
″
″
″
″
″
INA321EA/2K5
Tape and Reel, 3000
DUAL
INA2321EA
TSSOP-14
PW
−55
°C to +125°C
INA2321EA
INA2321EA/250
Tape and Reel, 250
″
″
″
″
″
INA2321EA/2K5
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
PIN CONFIGURATIONS
Top View
RG
V
IN−
V
IN+
V
−
Shutdown
V+
V
OUT
REF
INA321
MSOP−8 (E, EA)
1
2
3
4
8
7
6
5
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Shutdown A
V
OUTA
REFA
V+
REFB
V
OUTB
Shutdown B
RGA
V
IN−A
V
IN+A
V
−
V
IN+B
V
IN−B
RGB
INA2321
Dual, TSSOP−14 (EA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com