Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet (PDF) - STMicroelectronics

VNF1048F Datasheet PDF - STMicroelectronics
Part # VNF1048F
Download  VNF1048F Download
File Size   3945.5 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications

VNF1048F Datasheet (PDF)

Go To PDF Page Download Datasheet
VNF1048F Datasheet PDF - STMicroelectronics

Part # VNF1048F
Download  VNF1048F Click to download

File Size   3945.5 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications

VNF1048F Datasheet (HTML) - STMicroelectronics


VNF1048F Product details

Features
• AEC-Q100 qualified
• General
– High-side switch control IC with eFuse protection for 12 V, 24 V, and
48 V automotive applications
– SPI secondary interface for host control
– 32-bit ST-SPI interface compatible with 3.3 V and 5 V CMOS level
– 2 stage charge pump
– Gate drive for an external MOSFET in high-side configuration
– High precision uni-directional digital current sense via SPI through an
external high-side shunt resistor
– Input for an NTC resistor to monitor the external MOSFET temperature
– Very low standby current
– Robust fail-safe functionality through internal and external controls
– SPI register lock-out by a dedicated digital input pin
– Integrated ADC for TJ, VNTC, VOUT, and VDS conversion
• Protections
– Battery undervoltage shutdown
– External MOSFET desaturation shutdown configurable via SPI
– Hard short circuit latch-off configurable via SPI
– Current vs time latch-off configurable via SPI (fuse-emulation)
– Device overtemperature shutdown
– External MOSFET overtemperature shutdown
• Intelligent high current fuse replacement for automotive applications
• Especially, intended for automotive power distribution applications




Similar Part No. - VNF1048F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNF1048F STMICROELECTRONICS-VNF1048F Datasheet
2Mb / 52P
High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
27-May-2022
VNF1048FTR STMICROELECTRONICS-VNF1048FTR Datasheet
2Mb / 52P
High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
27-May-2022
More results


Similar Description - VNF1048F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51311 ONSEMI-CS51311 Datasheet
539Kb / 21P
Synchronous CPU Buck Controller for 12 V and 5.0 V Applications
July, 2006 ??Rev. 3
logo
Texas Instruments
TPS2456A TI1-TPS2456A Datasheet
1Mb / 32P
Dual 12 V Protection and Blocking Controller
logo
STMicroelectronics
VND5T035AKTR-E STMICROELECTRONICS-VND5T035AKTR-E Datasheet
683Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
13-Mar-2012
VND5T100AJTR-E STMICROELECTRONICS-VND5T100AJTR-E Datasheet
533Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
08-Mar-2011
VND5T100AJ-E STMICROELECTRONICS-VND5T100AJ-E Datasheet
533Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
08-Mar-2011
VND5T035AK-E STMICROELECTRONICS-VND5T035AK-E Datasheet
717Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
18-Sep-2013
VND5T050AKTR-E STMICROELECTRONICS-VND5T050AKTR-E Datasheet
772Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
VND5T100LAJ-E STMICROELECTRONICS-VND5T100LAJ-E Datasheet
790Kb / 38P
Double channel high-side driver with analog current sense for 24 V automotive applications
23-Aug-2016
VNF1048F STMICROELECTRONICS-VNF1048F Datasheet
2Mb / 52P
High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
27-May-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com