Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 5Page - STMicroelectronics VNF1048F Datasheet HTML 6Page - STMicroelectronics VNF1048F Datasheet HTML 7Page - STMicroelectronics VNF1048F Datasheet HTML 8Page - STMicroelectronics VNF1048F Datasheet HTML 9Page - STMicroelectronics VNF1048F Datasheet HTML 10Page - STMicroelectronics VNF1048F Datasheet HTML 11Page - STMicroelectronics VNF1048F Datasheet HTML 12Page - STMicroelectronics VNF1048F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
VDS_THRS_ 12
VDS monitor thresholds
mV
900
VDS_THRS_13
950
VDS_THRS_14
1000
VDS_THRS_15
1050
VDS_THRS_16
1100
VDS_THRS_17
1150
VDS_THRS_18
1200
VDS_THRS_19
1250
VDS_THRS_20
1300
VDS_THRS_21
1350
VDS_THRS_22
1400
VDS_THRS_23
1450
VDS_THRS_24
1500
VDS_THRS_25
1550
VDS_THRS_26
1600
VDS_THRS_27
1650
VDS_THRS_28
1700
VDS_THRS_29
1750
VDS_THRS_30
1800
VDS_THRS_ACC
VDS monitor threshold accuracy
-5
5
%
VDS_DEGLITCH
VDS monitor shut-off deglitch time
-25%
5
+25%
µs
VDS_DELAY
VDS monitor shut-off delay time
5
µs
VDS_BLK
VDS monitor shut-off blanking time
At high-side external FET
startup
-10% 960 +10%
µs
VDS_ADC_CONV
VDS monitor ADC full scale range resolution
VDS_ADC[9:0] =
min((VSENSE_N - VOUT)/2
* 1024, 957)
0
957
VDS_ADC_RATE
VDS monitor ADC sample rate
0.9
MSample/s
Table 15. Hard short circuit protection
Symbol
Parameter
Test conditions Min.
Typ.
Max.
Unit
VHSC_THRS_RANGE
Hard short circuit protection threshold range
16 steps adjustable through SPI
20
160
mV
VHSC_THRS_0
Hard short circuit protection thresholds
20
mV
VHSC_THRS_1
23
VHSC_THRS_2
26.4
VHSC_THRS_3
30.3
VHSC_THRS_4
34.8
VHSC_THRS_5
40
VHSC_THRS_6
45.9
VNF1048F
Electrical specification
DS13084 - Rev 8
page 9/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com