Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 37 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 33Page - STMicroelectronics VNF1048F Datasheet HTML 34Page - STMicroelectronics VNF1048F Datasheet HTML 35Page - STMicroelectronics VNF1048F Datasheet HTML 36Page - STMicroelectronics VNF1048F Datasheet HTML 37Page - STMicroelectronics VNF1048F Datasheet HTML 38Page - STMicroelectronics VNF1048F Datasheet HTML 39Page - STMicroelectronics VNF1048F Datasheet HTML 40Page - STMicroelectronics VNF1048F Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
7
Operating modes
7.1
State diagram
Figure 15. State diagram
GoToUnlocked SPI sequence
GoToUnlocked SPI sequence
WD_FAIL = 1 OR GSB_SPIE =1
OR HWLO_ST = 1 [1]
OR EN = 0 [3]
Wake-up
Unlocked
Locked
VS < VS_POR_OFF
VS > VS_POR_ON
Power-on
Standby
Self-test
t > tPWON
'OUTCTL' = 0
'RSTB' = 1
'BYPASSCTL' = 0
External FET is OFF
BYPASS is OFF
Control registers locked
Registers reset to default
BYPASS = 'BYPASSCTL'
I
S
= I
S_Q
External FET is OFF
SPI is not active
Registers as in previous state
I
SPI
= I
SPI STBY
'GOSTBY' = 0
BYPASS depends on test
External FET depends on test
SPI is active
External FET is ON
'DIAG' = 0
BYPASS is OFF
External FET is OFF
SPI is active
'WAKEUPM' = 1
Control registers locked
'BYPASS_SAT' = 1 (*)
External FET = 'OUTCTL'
BYPASS = 'BYPASSCTL'
'EN' =1 (**)
SPI is active
I
S
= I
S(ON)
External FET depends on
Control registers locked
'DIS_OUT_MODE',
BYPASS depends on
'DIS_OUT_MODE',
SPI is active
'EN' = 0 (***)
'LOCKEDM' = 1
(***) Transition to locked resets "EN" bit to 1 and sets 'DIS_OUT_FAULT' to 1 only if 'DIS_OUT_MODE' = 1.
(**) Transition to unlocked sets "EN' bit to 1.
(*) Transition to wakeup sets 'BYPASS_SAT' status bit to 1.
When there are more then one possibletransitions out of one state, priority number is indicated in brackets for each transition.
Notes:
7.2
Power-on mode
The power-on mode is the device reset state at VS power-on, due to device startup or power-on reset conditions.
At power-on, the registers are loaded with the default values and the RSTB is set to 1.
External FET, BYPASS switch, and charge pump are in the OFF state.
VNF1048F
Operating modes
DS13084 - Rev 8
page 37/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com