Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 31 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 27Page - STMicroelectronics VNF1048F Datasheet HTML 28Page - STMicroelectronics VNF1048F Datasheet HTML 29Page - STMicroelectronics VNF1048F Datasheet HTML 30Page - STMicroelectronics VNF1048F Datasheet HTML 31Page - STMicroelectronics VNF1048F Datasheet HTML 32Page - STMicroelectronics VNF1048F Datasheet HTML 33Page - STMicroelectronics VNF1048F Datasheet HTML 34Page - STMicroelectronics VNF1048F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Bit
Default
Name
Description
111: Current sense + VDS detection + power switch stuck-on
4
0
OUTCTL
Enables high-side through SPI
1: HS gate driver commanded on
0: HS gate driver commanded off
3
0
BYPASSCTL
Enables low current bypass through SPI
1: LCB commanded on
0: LCB commanded off
2
Unused
1
0
WD_TRIG
Mirror of WD_TRIG bit
0
0
Parity bit
Odd parity bit check
Table 36. CR#2: control register 2 (read/write); address 02h
Bit
Default
Name
Description
23 ÷ 16 00000000
T_NOM
Configures the value of nominal time, required for the fuse emulation: tNOM (s) =
b{T_NOM(7:0), 1}
T_NOMmin = 00000000 → tNOM (s) = b000000001 = 1s
T_NOMmax = 11111111 → tNOM (s) = b111111111 = 511s
Nominal time corresponds to the trip time obtained when current is equal to the nominal
overcurrent threshold (OVC_THR).
15 ÷ 11
00000
OVC _THR
Configures the value of nominal overcurrent threshold.
The threshold can be set in the range 6 mV to 90 mV
See Table 16
10 ÷ 7
0000
HSHT_THR
Configures a threshold for hard short circuit latch-off.
The threshold can be set in the range from 20 mV to 160 mV.
See Table 15
6 ÷ 2
00000
VDS_THR
Configures a threshold for external MOSFET desaturation shutdown. The threshold can be
set in the range from 0.3 V to 1.80 V in steps of 50 mV (default = 300 mV). Configuration
0x1F is reserved.
1
0
WD_TRIG
Mirror of WD_TRIG bit
0
Parity bit
Odd parity bit check
Table 37. CR#3: control register 3 (read/write); address 03h
Bit
Default
Name
Description
23 ÷ 10
unused
9
0
UNLOCK
0: bits GOSTBY, EN cannot be set to 1 but can be reset;
1: bits GOSTBY, EN can be set to 1, but only with the next valid SPI frame.
When UNLOCK = 1, it is automatically reset with the next valid SPI frame.
8 ÷ 5
0000
NTC_THR
Configures a threshold for external MOSFET overtemperature shutdown via NTC. The
threshold can be set in the range 37.50 to 110.92.
See Table 17
4 ÷ 3
00
WD_TIME
Watchdog time selection:
00: tWD = 50ms
01: tWD = 100ms
10: tWD = 150ms
VNF1048F
SPI functional description
DS13084 - Rev 8
page 31/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com