Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 27 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 23Page - STMicroelectronics VNF1048F Datasheet HTML 24Page - STMicroelectronics VNF1048F Datasheet HTML 25Page - STMicroelectronics VNF1048F Datasheet HTML 26Page - STMicroelectronics VNF1048F Datasheet HTML 27Page - STMicroelectronics VNF1048F Datasheet HTML 28Page - STMicroelectronics VNF1048F Datasheet HTML 29Page - STMicroelectronics VNF1048F Datasheet HTML 30Page - STMicroelectronics VNF1048F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Table 30. Clear all status registers (RAM access)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Command
OC1
OC0
Address
1
0
1
1
1
1
1
1
DATA1
X(1)
X
X
X
X
X
X
0
0
0
0
0
0
0
DATA2
X
X
X
X
X
X
X
0
0
0
0
0
0
0
DATA3
X
X
X
X
X
X
X
0
0
0
0
0
0
0
1. X: do not care
6.10
Global status byte
As per the STMicroelectronics SPI 4.1 specification, the device features an in-frame response mechanism.
A global status byte is transmitted to the SPI master on the SDO line while the command byte is received on the
SDI line.
The global status byte reports the global status of the device:
Table 31. Global status byte
Global status byte
Bit
MSB
30
29
28
27
26
25
LSB
Name
GSBN
RSTB
SPIE
AUTOON
DIAGS
DE
OVC
FS
Table 32. Global status byte - bit description
Bit #
Name
Description
31
GSBN
Global status bit NOT
This bit is a NOR combination of the remaining bits of this register:
GSBN = NOT (RSTB or SPIE or AUTOON or DIAGS or DE or OVC or FS)
This bit can also be used as global status flag without starting a complete communication frame as it is
present directly after pulling CSN low.
30
RSTB
Reset bit
The RSTB indicates a device hardware reset. This bit is set in power-on mode. All internal control registers
are set to default and kept in that state until the bit is automatically cleared by the first valid SPI
communication.
29
SPIE
SPI error
The SPIE is a logical OR combination of errors related to a wrong SPI communication: SDI stuck-at fault,
SPI frame length ≠ 32-bit (wrong number of clock pulses while CSN is low), parity check error
28
AUTOON
AUTOON
The AUTOON indicates the automatic turn-on of the external FET due to low-current bypass desaturation
(BYPASS_SAT = 1) when its VDS exceeds the fixed threshold (~1.3 V). This bit is also set by a transition
from wake up to unlocked mode.
AUTOON = BYPASS_SAT
27
DIAGS
Diagnostic signal bit
The DIAGS is a logical OR combination of all faults, which cause the external FET to be switched off
VNF1048F
SPI functional description
DS13084 - Rev 8
page 27/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com