Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 17 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 13Page - STMicroelectronics VNF1048F Datasheet HTML 14Page - STMicroelectronics VNF1048F Datasheet HTML 15Page - STMicroelectronics VNF1048F Datasheet HTML 16Page - STMicroelectronics VNF1048F Datasheet HTML 17Page - STMicroelectronics VNF1048F Datasheet HTML 18Page - STMicroelectronics VNF1048F Datasheet HTML 19Page - STMicroelectronics VNF1048F Datasheet HTML 20Page - STMicroelectronics VNF1048F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Figure 6. Current sense self-test flow sequence
Current sense
Self-test
Configuration
CR#1→ S_T_CFG = --1
CR#2→ OVC_THR = <user option>
CR#2 →HSHT_THR = <user option>
SELF-TEST CONFIGURATION
Turn-on pull-down current generator to produce
additional voltage drop of 100 mV on current sense
amplifier inputs
A/D CONVERSIONS AND DELTA MEASURES
Perform current sense SAR A/D conversions
Compute difference between self-test measures and
last user measure available in status register SR#8
Store data result, self-test status and fault emulation
check in status register SR#7
UNLOCKED STATE
SELF-TEST STATE
Current sense
Self-test
Execution
Current sense
Self-test
END
UNLOCKED STATE
S_T_START = 1
LOCKED
S_T_STOP = 1
WD Timeout
OR
HWLO = 1
TS_T_ACTIVE time duration
CURRENT SENSE SELF-TEST
SELF-TEST CLOSURE
Turn-off pull-down current generator to restore
normal drop on current sense amplifier inputs
No current sense A/D conversions during this
timeframe
TS_T_WAITtime duration
During TS_T_ACTIVE and TS_T_WAIT
timeframes, fast and slow
trip protections are
inhibited, whilst all other
protections are active
00 = IDLE
01 = RUN
10 = END
11 = ABORT
14
14
00
Parity
Status
ADC Self Test Result
OVC_ST
HSHT_ST
(Selftest aborted, state
transition after TS_T_WAIT
expiration)
(Selftest aborted,
state transition
after TS_T_WAIT
expiration)
TEST COMPLETED
TS_T_ACTIVE = 5 μs
TS_T_WAIT = 5 μs
Current sense
Self-test
Configuration
4.2
External FET VDS detection self-test
The purpose of the external FET VDS detection self-test is to verify the proper behavior of the complete VDS
monitor chain (sense/process/detection), from the analog input to the digital output.
Starting from the unlocked state, the VDS detection self-test is activated through a dedicated SPI frame. The
duration of this test is around 10 μs; the first 5 μs are intended to convert the value of the voltage across the drain
and source terminals of the external FET, the remaining 5 µs are required to bring back the analog circuitry to
normal configuration.
Once the self-test is started, an internal current generator provides a current sink able to produce an additional
voltage offset of 100 mV on VDS monitor circuit inputs, to distinguish self-test execution from normal operation. In
order to guarantee proper data conversions, special care must be taken to avoid VDS ADC saturation by keeping
the overall VDS sensed by the monitor circuit below the maximum scale range (VDS_ADC_CONV).
VDS detection self-test result is the difference between the converted value obtained during self-test execution
and the value already stored in SR#4 (VDS field), corresponding to the normal measurement performed during
operation; such delta measure result is stored in SR#5 (S_T_VDS field) together with the self-test status.
VNF1048F
Self-test
DS13084 - Rev 8
page 17/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com