Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 38 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 34Page - STMicroelectronics VNF1048F Datasheet HTML 35Page - STMicroelectronics VNF1048F Datasheet HTML 36Page - STMicroelectronics VNF1048F Datasheet HTML 37Page - STMicroelectronics VNF1048F Datasheet HTML 38Page - STMicroelectronics VNF1048F Datasheet HTML 39Page - STMicroelectronics VNF1048F Datasheet HTML 40Page - STMicroelectronics VNF1048F Datasheet HTML 41Page - STMicroelectronics VNF1048F Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
7.3
Standby mode
In standby mode, the device is in quiescent power consumption and operates under the following conditions:
•
High current path through external FETs is off
•
Protections for the external FETs are disabled
•
All diagnostics are disabled, but BYPASS switch saturation is monitored, if BYPASS switch is in ON state
during standby mode, in order to detect potential desaturation
•
Low-current bypass can be ON or OFF according to the ‘BYPASSCTL’ bit
•
The device is self-protected
•
Charge pump is OFF
The standby mode characteristics are:
•
VSPI and VS low consumption
•
SPI inactive
•
Registers are frozen (powered but with the clock stopped) allowing to keep either previous configuration, in
case of transition from unlocked state, or default reset configuration, in case of transition from power-on
state
The standby mode is reached in case of power-on state transition from unlocked mode through the following SPI
frame sequence:
1.
Frame #1 to set UNLOCK bit in CR#3
2.
Frame #2 to reset EN and set GOSTBY in CR#1
Exit from standby mode occurs in any of the following cases:
•
CSN Low for a time t > tSTBY_OUT
Or
•
BYPASS switch in ON state and desaturation event occurrence
7.4
Wake-up mode
The device enters in wake-up mode from standby when the VS - VOUT > VDS_BYPASS_SAT.
In wake-up mode, the device fuse functionality is armed and the device operates under the following conditions:
•
High current path through external FETs is ON
•
Protections for the external FETs are enabled
•
Low-current bypass is OFF
•
All diagnostics are enabled
•
Control registers are locked to write operations
•
The device is self-protected
•
SPI is active
•
Charge pump is ON
7.5
Unlocked mode
In unlocked mode, the device fuse functionality is armed and SPI communication is allowed. The device operates
under the following conditions:
•
High current path through external FETs can be ON or OFF, depending on the SPI setting
•
Protections for the external FETs are enabled
•
All diagnostics are enabled
•
Low-current bypass can be ON or OFF, depending on the SPI setting
•
The device is self-protected
•
SPI is active
•
Charge pump is ON
VNF1048F
Operating modes
DS13084 - Rev 8
page 38/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com