Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 12 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 8Page - STMicroelectronics VNF1048F Datasheet HTML 9Page - STMicroelectronics VNF1048F Datasheet HTML 10Page - STMicroelectronics VNF1048F Datasheet HTML 11Page - STMicroelectronics VNF1048F Datasheet HTML 12Page - STMicroelectronics VNF1048F Datasheet HTML 13Page - STMicroelectronics VNF1048F Datasheet HTML 14Page - STMicroelectronics VNF1048F Datasheet HTML 15Page - STMicroelectronics VNF1048F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VNTC_THRS_14 External FET thermal shutdown
NTC input voltage thresholds
mV
37.50
VNTC_THRS_15
37.50
VNTC_DEGLITCH
External FET thermal shutdown
deglitch time
10
500
µs
VNTC_ADC_CONV
External FET thermal shutdown
ADC full range resolution
VNTC_ADC[9:0] =
min(((VSENSE_N -
VNTC)/1.2 *
1024), 1023)
0
1023
VNTC_ADC_RATE
External FET thermal shutdown
ADC sample rate
4.9
kSample/s
Note:
•
VNTC = VBG * RNTC/(RT_REF + RNTC)
•
RNTC = B57232V5103F360 (10 kΩ at 25 °C)
•
RT-REF = 10 kΩ ±1%
Figure 3. NTC bridge
RNTC
RT_REF
VBG
R
R
BIAS
+
-
VNTC
To ADC
VNTC
ISNS_N
NTC
NTC_M
GND
Table 18. Bypass switch
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VDS_BYPASS_SAT
Bypass switch VDS saturation protection
threshold
1
2
V
IBYPASS_SAT
Bypass switch saturation current
VS - VOUT =
VDS_BYPASS_SAT
100
mA
RDS(ON)_BYPASS
Bypass switch on state resistance
4
7
10
Ω
tON_BYPOFF
Output turn-on time on bypass-sutthing off
100
µs
tBYPASS_STA_DEGLITCH
Bypass switch saturation diagnostic deglitch
filtering time
4
5
µs
VNF1048F
Electrical specification
DS13084 - Rev 8
page 12/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com