Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 16 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 12Page - STMicroelectronics VNF1048F Datasheet HTML 13Page - STMicroelectronics VNF1048F Datasheet HTML 14Page - STMicroelectronics VNF1048F Datasheet HTML 15Page - STMicroelectronics VNF1048F Datasheet HTML 16Page - STMicroelectronics VNF1048F Datasheet HTML 17Page - STMicroelectronics VNF1048F Datasheet HTML 18Page - STMicroelectronics VNF1048F Datasheet HTML 19Page - STMicroelectronics VNF1048F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
4
Self-test
The following sections describe how the device supports the execution of the in-application tests, needed to verify
the proper behavior of the hardware diagnostic verification during product lifetime. Configuration, control, and
check for each of the tests are performed in close relationship with the microcontroller, through SPI interface
communication.
Activities related to self-test are possible in a specific device state (self-test) in order to distinguish it from
operating modes (standby, wake-up, unlocked and locked modes), allowing to manage differently diagnostic faults
according to the hardware feature under test.
Self-test control interface
The initialization of the self-test sequence (selection of the self-test, start and stop command) is done through the
control register 1 (CR#1). Results are accessible through the status register 5 (SR#5), status register 6 (SR#6)
and status register 7 (SR#7).
4.1
Current sense self-test
The purpose of the current sense self-test is to verify the proper behavior of the full current sense chain, from the
analog input to the digital output.
Starting from the unlocked state, the current sense self-test is activated through a dedicated SPI frame. The
duration of this test is around 10 µs; the first 5 µs are intended to convert the value of the voltage across the
RSENSE.
Once the self-test is started, an internal current generator provides a current sink able to produce an additional
voltage drop of 100 mV at the input pin of the internal comparator.
The result of the self-test is the difference between this converted value and the value already stored in SR#8
(HSHT), corresponding to the normal measurement performed during operation; such result is stored in SR#7
together with the self-test status.
The transition from self-test state to unlocked state is automatically guaranteed after the test is completed (around
10 µs) or if the test is stopped through S_T_STOP = 1 (self-test aborted).
The transition from the self-test state to the locked state occurs in case of watchdog timeout or HWLO = 1 (self-
test aborted).
VNF1048F
Self-test
DS13084 - Rev 8
page 16/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com