Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 14 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 10Page - STMicroelectronics VNF1048F Datasheet HTML 11Page - STMicroelectronics VNF1048F Datasheet HTML 12Page - STMicroelectronics VNF1048F Datasheet HTML 13Page - STMicroelectronics VNF1048F Datasheet HTML 14Page - STMicroelectronics VNF1048F Datasheet HTML 15Page - STMicroelectronics VNF1048F Datasheet HTML 16Page - STMicroelectronics VNF1048F Datasheet HTML 17Page - STMicroelectronics VNF1048F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
3
eFuse function
Protection of wire harness and PCB can be performed by defining an ideal time to fuse curve as a result of a
maximum power dissipation over the time in the wire or copper PCB traces themselves. This function can
guarantee that the insulation of wires and PCB are subject to a limited temperature and time budget that is below
the reliability specified values. Not respecting such specified limits can lead to the formation of a conducting path
by carbonization across the organic insulation materials and therefore local hot spot can conduct to sparking and
fire ignition.
The VNF1048F embeds the ST proprietary eFuse functionality for the implementation of a robust and flexible
overcurrent protection mechanism. The eFuse functionality features an intelligent circuit breaking aimed at
protecting PCB traces, connectors and wire harness from overheating, with no impact on load transients like
inrush currents and capacitance charging.
This function is set by two parameters called INOM and tNOM. The value of INOM corresponds to the maximum
continuous current while tNOM will determine a current versus time-to-fuse curve when load current is higher than
INOM. The expression of current versus time-to-fuse is approximated by an optimized stepwise function, which can
be adjusted in a range between the wire I2-t limit on one side and load transient characteristics on the other side.
The value of tNOM corresponds to the first step up of the curve. The current time curve is always active in
combination with very fast overcurrent protection that will be triggered when the current reaches a defined
threshold for hard short circuit condition.
When the current in the load is pulse wide modulated the eFuse function calculates the mean square root of the
current. Mean square root of the current is also calculated when switching on/off the power switch during normal
operation or after a switch off due to short circuit/overload condition. So if for example the circuit is broken due to
an overload and after a while the circuit is activated again, the eFuse keeps in memory the previous condition and
still avoids that maximum IRMS is higher than INOM.
VIP-Fuse is programmed via SPI as follows:
•
VOC_THRS sets INOM = VOC_THRS/RSENSE
•
VHSC_THRS sets hard short circuit current = VHSC_THRS/RSENSE
•
T_NOM sets tNOM from 1 to 511 s
No intervention occurs for VSENSE < VOC_THRS, whilst an immediate shut-off occurs for VSENSE >
VHSC_THRS.
The eFuse functionality operating range is defined between VOC_THRS and VHSC_THRS. In that range, the
circuit breaking profile is defined by the stepwise function reported in Figure 4. The number of steps is
consequential to the selection of VOC_THRS and VHSC_THRS, the maximum being 15, when VOC_THRS = 6
mV and VHSC_THRS = 160 mV. This corresponds to a 1:26.67 ratio between the maximum allowed continuous
current and hard short circuit.
The Figure 5 shows the I2-t curve when VOC_THRS = 26.5 mV and VHSC_THRS = 105.60 mV. The number of
steps is reduced to 9 accordingly.
VNF1048F
eFuse function
DS13084 - Rev 8
page 14/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com