Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 47 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 41Page - STMicroelectronics VNF1048F Datasheet HTML 42Page - STMicroelectronics VNF1048F Datasheet HTML 43Page - STMicroelectronics VNF1048F Datasheet HTML 44Page - STMicroelectronics VNF1048F Datasheet HTML 45Page - STMicroelectronics VNF1048F Datasheet HTML 46Page - STMicroelectronics VNF1048F Datasheet HTML 47Page - STMicroelectronics VNF1048F Datasheet HTML 48Page - STMicroelectronics VNF1048F Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
List of tables
Table 1.
Pin functions ....................................................................... 3
Table 2.
Absolute maximum ratings ............................................................. 4
Table 3.
Thermal data....................................................................... 5
Table 4.
Supply specification .................................................................. 5
Table 5.
SPI logic inputs (CSN, SCK, and SDI) specification ............................................ 6
Table 6.
SPI logic outputs (SDO) specification ...................................................... 6
Table 7.
HWLO logic input pin specification ........................................................ 6
Table 8.
DIAG logic output pin specification ........................................................ 6
Table 9.
Device thermal shutdown .............................................................. 6
Table 10.
ST-SPI timings specification ............................................................ 7
Table 11.
Charge pump specification ............................................................. 7
Table 12.
External FET gate driver specification...................................................... 7
Table 13.
Current sense amplifier with integrated ADC ................................................. 8
Table 14.
External FET VDS protection............................................................ 8
Table 15.
Hard short circuit protection............................................................. 9
Table 16.
Overcurrent protection ............................................................... 10
Table 17.
External FET thermal shutdown via NTC input ............................................... 11
Table 18.
Bypass switch ..................................................................... 12
Table 19.
VOUT A-to-D conversion .............................................................. 13
Table 20.
Command byte .................................................................... 23
Table 21.
Input data byte 1 ................................................................... 23
Table 22.
Input data byte 2 ................................................................... 23
Table 23.
Input data byte 3 ................................................................... 23
Table 24.
Global status byte .................................................................. 23
Table 25.
Output data byte 1 .................................................................. 24
Table 26.
Output data byte 2 .................................................................. 24
Table 27.
Output data byte 3 .................................................................. 24
Table 28.
Operating codes ................................................................... 24
Table 29.
0xFF: (SW_Reset) .................................................................. 26
Table 30.
Clear all status registers (RAM access).................................................... 27
Table 31.
Global status byte .................................................................. 27
Table 32.
Global status byte - bit description ....................................................... 27
Table 33.
RAM memory map .................................................................. 28
Table 34.
ROM memory map.................................................................. 29
Table 35.
CR#1: control register 1 (read/write); address 01h ............................................ 30
Table 36.
CR#2: control register 2 (read/write); address 02h ............................................ 31
Table 37.
CR#3: control register 3 (read/write); address 03h ............................................ 31
Table 38.
SR#1: status register 1; address 11h ..................................................... 32
Table 39.
SR#2: status register 2; address 12h ..................................................... 33
Table 40.
SR#3: status register 3; address 13h ..................................................... 34
Table 41.
SR#4: status register 4; address 14h ..................................................... 34
Table 42.
SR#5: status register 5; address 15h ..................................................... 34
Table 43.
SR#6: status register 6; address 16h ..................................................... 34
Table 44.
SR#7: status register 7; address 17h ..................................................... 35
Table 45.
SR#8: status register 8; address 18h ..................................................... 35
Table 46.
Component value................................................................... 40
Table 47.
QFN32L Epad (5.0x5.0x1.0 mm) package mechanical data...................................... 42
Table 48.
Document revision history ............................................................. 43
VNF1048F
List of tables
DS13084 - Rev 8
page 47/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com