Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 19 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 15Page - STMicroelectronics VNF1048F Datasheet HTML 16Page - STMicroelectronics VNF1048F Datasheet HTML 17Page - STMicroelectronics VNF1048F Datasheet HTML 18Page - STMicroelectronics VNF1048F Datasheet HTML 19Page - STMicroelectronics VNF1048F Datasheet HTML 20Page - STMicroelectronics VNF1048F Datasheet HTML 21Page - STMicroelectronics VNF1048F Datasheet HTML 22Page - STMicroelectronics VNF1048F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Starting from the unlocked State, the external FET stuck-on self-test is activated through a dedicated SPI frame
(CR#1, S_T_START & S_T_CFG fields).
At execution start the external FET is automatically turned-off, regardless of its status during previous operations,
then continuous AtoD conversions of VDS voltage, sensed across external power switch terminals, are performed
in order to allow the user to monitor VDS evolution in time.
Data conversion values are made available through dedicated register SR#6 (S_T_STUCK field); in addition, a
specific bit informs the user if the data have been updated with a new measure or are still relative to the previous
one (UPDT_S_T_STUCK bit). Status of self-test execution is available in the same register.
Self-test completion can be controlled directly by sending the S_T_STOP command (CR#1, bit 8) or by setting the
programmable VDS threshold (CR#2, VDS_THR field): in this case, self-test is stopped automatically as soon as
the external FET VDS overcomes the previously mentioned threshold and a specific bit is set to flag this situation
(SR#6, S_T_VDS_MAX2 bit). In both cases, device FSM performs the transition from self-test to unlocked state.
To be noted that the diagnostic fault for normal operation (VDS_MAX, SR#1) is inhibited during execution, while
all the others are kept enabled; bypass switch control is left to the user.
The transition from the self-test state to the locked state can occur in case of watchdog timeout or HWLO = 1
(self-test aborted).
Figure 8. External FET stuck-on self-test - flow sequence for entry
External FET
Stuck-on self-test
Configuration
External FET
Stuck-on
Self-test
Configuration
SELF-TEST CONFIGURATION
Turn OFF the External FET
CONTINUOUS A/D CONVERSIONS
Perform continuous A/D conversion of VDS
Store the result in Status Register SR#6
UNLOCKED STATE
External FET = ‘OUTCTL’
BYPASS = ‘BYPASSCTL”
SELF-TEST STATE
External FET is OFF
BYPASS = ‘BYPASSCTL’
External FET
Stuck-on self-test
Execution
External FET
Stuck-on self-test
END
UNLOCKED STATE
External FET = ‘OUTCTL’
BYPASS = ‘BYPASSCTL”
S_T_START = 1
LOCKED
S_T_STOP = 1
WD Timeout
OR
HWLO = 1
During Selftest
execution, VDS
protection is inhibited
EXTERNAL FET STUCK-ON SELF-TEST
VDS > VDS_THR
Y
N
TEST COMPLETED
00 = IDLE
01 = RUN
10 = END
11 = ABORT
14
14
00
Parity
Status
ADC Self Test Result
S_T_VDS_MAX2
UPDT_S_T_STUCK
CR#1→ S_T_CFG = 1--
CR#2→ VDS_THR = <user option>
(Selftest aborted)
(Selftest completed)
VNF1048F
Self-test
DS13084 - Rev 8
page 19/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com