Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048F Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNF1048F
Description  High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 4Page - STMicroelectronics VNF1048F Datasheet HTML 5Page - STMicroelectronics VNF1048F Datasheet HTML 6Page - STMicroelectronics VNF1048F Datasheet HTML 7Page - STMicroelectronics VNF1048F Datasheet HTML 8Page - STMicroelectronics VNF1048F Datasheet HTML 9Page - STMicroelectronics VNF1048F Datasheet HTML 10Page - STMicroelectronics VNF1048F Datasheet HTML 11Page - STMicroelectronics VNF1048F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VGS_UVLO_6V
Gate undervoltage lockout
VS = 6 V
5
V
VGS_UVLO_10V
Gate undervoltage lockout
VS >10 V
8.5
V
VG_UVLO_BLK
Gate undervoltage lockout
blanking
Enable at charge pump startup if external FET
turn-on is required, and applied after CP_LOW
expiration (falling edge)
-6%
100
+6%
µs
VG_UVLO_DEGLITCH
Gate undervoltage lockout
deglitch filtering time
-15%
8
+15%
µs
QGMAX
Maximum gate charge
VGS = 10 V
800
nC
Table 13. Current sense amplifier with integrated ADC
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
VSENSE_CM
Common-mode input voltage range
0
70
V
VSENSE_FSR
Differential input voltage full scale
range
0
160
mV
I_SENSE_P
CSA positive input current
400
μA
I_SENSE_N
CSA negative input current
560
μA
VSENSE_ADC_CONV
Current sense ADC full scale range
resolution
VSENSE_ADC[12:0] =
min((VSENSE/160 * 8192), 8191)
0
8191
VSENSE_REFRESH Current sense ADC sample rate
2.4
kSample/s
VSENSE_ACC_6mV
Digital current sense accuracy
6 mV < VSENSE_DIFF < 10 mV
-10
+10
%
VSENSE_ACC_10mV
VSENSE_DIFF = 10 mV
-5
+5
%
VSENSE_ACC_20mV
VSENSE_DIFF > 20 mV
-3
+3
%
VSENSE_ACC_1.8mV
1.8 mV < VSENSE_DIFF < 6 mV
-17
+17
%
Table 14. External FET VDS protection
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
VDS_THRS_RANGE
VDS monitor threshold range
31 steps adjustable through SPI
300
1800
mV
VDS_THRS_STEP VDS monitor threshold step
50
mV
VDS_THRS_0
VDS monitor thresholds
300
mV
VDS_THRS_ 1
350
VDS_THRS_2
400
VDS_THRS_3
450
VDS_THRS_ 4
500
VDS_THRS_ 5
550
VDS_THRS_ 6
600
VDS_THRS_ 7
650
VDS_THRS_ 8
700
VDS_THRS_ 9
750
VDS_THRS_ 10
800
VDS_THRS_ 11
850
VNF1048F
Electrical specification
DS13084 - Rev 8
page 8/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com