Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114 Datasheet (PDF) - Texas Instruments

LOG114 Datasheet PDF - Texas Instruments
Part # LOG114_V01
Download  LOG114 Download
File Size   2523.82 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier

LOG114 Datasheet (PDF)

Go To PDF Page Download Datasheet
LOG114 Datasheet PDF - Texas Instruments

Part # LOG114_V01
Download  LOG114 Click to download

File Size   2523.82 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier

LOG114 Datasheet (HTML) - Texas Instruments


LOG114 Product details

1 Features
• Advantages:
– Tiny for high density systems
– Precision on one supply
– Fast over eight decades
– Fully-tested function
• Two scaling amplifiers
• Wide input dynamic range: eight decades, 100pA
to 10mA
• 2.5V reference
• Stable over temperature
• Low quiescent current: 10mA
• Dual or single supply: ±5V, 5V
• Package: Small QFN-16 (4mm × 4mm)
• Specified temperature range: −5°C to 75°C

2 Applications
• Onet erbium-doped fiber optic amplifiers (EDFA)
• Laser optical density measurement
• Photodiode signal compression amplifiers
• Log, log-ratio function
• Analog signal compression in front of analog-todigital
converters (ADC)
• Absorbance measurement

3 Description
The LOG114 is specifically designed for measuring
low-level and wide dynamic range currents in
communications, lasers, medical, and industrial
systems. The device computes the logarithm or
log-ratio of an input current or voltage relative
to a reference current or voltage (logarithmic
transimpedance amplifier).
High precision is ensured over a wide dynamic range
of input signals on either bipolar (±5V) or single
(5V) supply. Special temperature drift compensation
circuitry is included on-chip. In log-ratio applications,
the signal current may be from a high impedance
source such as a photodiode or resistor in series
with a low impedance voltage source. The reference
current is provided by a resistor in series with a
precision internal voltage reference, photo diode, or
active current source.
The output signal at VLOGOUT has a scale factor
of 0.375V/decade of input current, which limits the
output so that it fits within a 5V or 10V range. The
output can be scaled and offset with one of the
available additional amplifiers, so it matches a wide
variety of ADC input ranges. Stable DC performance
allows accurate measurement of low-level signals
over a wide temperature range. The LOG114 is
specified over a −5°C to 75°C temperature range and
can operate from −40°C to 85°C.




Similar Part No. - LOG114_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG114EVM TI1-LOG114EVM Datasheet
571Kb / 21P
LOG114EVM User Guide
More results


Similar Description - LOG114_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04 AD-AMP04 Datasheet
511Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV.A
logo
New Japan Radio
NJM2742 NJRC-NJM2742 Datasheet
291Kb / 10P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
LOG114 BURR-BROWN-LOG114 Datasheet
605Kb / 30P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
LOG114 BURR-BROWN-LOG114_12 Datasheet
806Kb / 29P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
logo
Analog Devices
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
Precision Single Supply Instrumentation Amplifier
REV. C
logo
New Japan Radio
NJM842 NJRC-NJM842 Datasheet
1Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM3472 NJRC-NJM3472 Datasheet
2Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
logo
Texas Instruments
LOG200 TI1-LOG200 Datasheet
1Mb / 25P
LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com