Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114 Datasheet(PDF) 3 Page - Texas Instruments

Part # LOG114
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 Datasheet(HTML) 3 Page - Texas Instruments

  LOG114_V01 Datasheet HTML 1Page - Texas Instruments LOG114_V01 Datasheet HTML 2Page - Texas Instruments LOG114_V01 Datasheet HTML 3Page - Texas Instruments LOG114_V01 Datasheet HTML 4Page - Texas Instruments LOG114_V01 Datasheet HTML 5Page - Texas Instruments LOG114_V01 Datasheet HTML 6Page - Texas Instruments LOG114_V01 Datasheet HTML 7Page - Texas Instruments LOG114_V01 Datasheet HTML 8Page - Texas Instruments LOG114_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
4 Pin Configuration
NC
5
7
8
6
12
V
O4
10
–IN
4
9
11
16
14
13
15
Thermal
Pad
+IN
4
V
LOGOUT
1
V
REF GND
2
3
I
2
4
I
1
Not to scale
Figure 4-1. RGV Package, 16-Pin VQFN (Top View)
PIN
TYPE
DESCRIPTION
NAME
NO.
COM
7
Input
Reference Voltage for the
differential amplifier
+IN4
10
Input
Auxiliary op-amp voltage non-
inverting input
–IN4
11
Input
Auxiliary op-amp voltage inverting
input
+IN5
13
Input
Auxiliary op-amp voltage non-
inverting input
–IN5
14
Input
Auxiliary op-amp voltage inverting
input
NC
2
N/A
No Connection
I1
4
Input
Current input for logarithm
numerator
I2
3
Input
Current input for logarithm
denominator
V+
8
Power
Positive supply voltage
V-
6
Power
Negative supply voltage
VCM IN
5
Input
Input common-mode voltage
VLOGOUT
9
Output
Logarithmic difference amplifier
output
VO4
12
Output
Auxiliary op-amp voltage output
VO5
15
Output
Auxiliary op-amp voltage output
VREF
16
Power
2.5V reference voltage
VREFGND
1
Ground
Reference voltage ground
Thermal Pad
PAD
—
Thermal Pad. Connect to V-
www.ti.com
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com