Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114 Datasheet(PDF) 1 Page - Texas Instruments

Part # LOG114
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 Datasheet(HTML) 1 Page - Texas Instruments

  LOG114_V01 Datasheet HTML 1Page - Texas Instruments LOG114_V01 Datasheet HTML 2Page - Texas Instruments LOG114_V01 Datasheet HTML 3Page - Texas Instruments LOG114_V01 Datasheet HTML 4Page - Texas Instruments LOG114_V01 Datasheet HTML 5Page - Texas Instruments LOG114_V01 Datasheet HTML 6Page - Texas Instruments LOG114_V01 Datasheet HTML 7Page - Texas Instruments LOG114_V01 Datasheet HTML 8Page - Texas Instruments LOG114_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
1 Features
• Advantages:
– Tiny for high density systems
– Precision on one supply
– Fast over eight decades
– Fully-tested function
• Two scaling amplifiers
• Wide input dynamic range: eight decades, 100pA
to 10mA
• 2.5V reference
• Stable over temperature
• Low quiescent current: 10mA
• Dual or single supply: ±5V, 5V
• Package: Small QFN-16 (4mm × 4mm)
• Specified temperature range: −5°C to 75°C
2 Applications
• Onet erbium-doped fiber optic amplifiers (EDFA)
• Laser optical density measurement
• Photodiode signal compression amplifiers
• Log, log-ratio function
• Analog signal compression in front of analog-to-
digital converters (ADC)
• Absorbance measurement
3 Description
The LOG114 is specifically designed for measuring
low-level and wide dynamic range currents in
communications, lasers, medical, and industrial
systems. The device computes the logarithm or
log-ratio of an input current or voltage relative
to a reference current or voltage (logarithmic
transimpedance amplifier).
High precision is ensured over a wide dynamic range
of input signals on either bipolar (±5V) or single
(5V) supply. Special temperature drift compensation
circuitry is included on-chip. In log-ratio applications,
the signal current may be from a high impedance
source such as a photodiode or resistor in series
with a low impedance voltage source. The reference
current is provided by a resistor in series with a
precision internal voltage reference, photo diode, or
active current source.
The output signal at VLOGOUT has a scale factor
of 0.375V/decade of input current, which limits the
output so that it fits within a 5V or 10V range. The
output can be scaled and offset with one of the
available additional amplifiers, so it matches a wide
variety of ADC input ranges. Stable DC performance
allows accurate measurement of low-level signals
over a wide temperature range. The LOG114 is
specified over a −5°C to 75°C temperature range and
can operate from −40°C to 85°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
LOG114
RGV (VQFN, 16)
4mm × 4mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
+
–
+
–
+
–
I2
I1
V
CM IN
COM
+
–
V
O4
–IN
4
+IN
4
V+
V
REF GND
I
2
I
1
LOG114
V
LOGOUT
REF
V
REF
–
+
V
O5
+IN
5
–IN
5
V–
A.
Thermally dependent R1 and R3 provide temperature compensation.
B.
VLOGOUT = 0.375 × log(I1/I2).
C.
VO4 = 0.375 × K × log(I1/I2), K = 1 + R6/R5.
D.
Differential Amplifier (A3) Gain = 6.25
Functional Block Diagram
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LOG114_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG114EVM TI1-LOG114EVM Datasheet
571Kb / 21P
LOG114EVM User Guide
More results

Similar Description - LOG114_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04 AD-AMP04 Datasheet
511Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV.A
logo
New Japan Radio
NJM2742 NJRC-NJM2742 Datasheet
291Kb / 10P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
LOG114 BURR-BROWN-LOG114 Datasheet
605Kb / 30P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
LOG114 BURR-BROWN-LOG114_12 Datasheet
806Kb / 29P
Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
logo
Analog Devices
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
Precision Single Supply Instrumentation Amplifier
REV. C
logo
New Japan Radio
NJM842 NJRC-NJM842 Datasheet
1Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM3472 NJRC-NJM3472 Datasheet
2Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
logo
Texas Instruments
LOG200 TI1-LOG200 Datasheet
1Mb / 25P
LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com