Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114 Datasheet(PDF) 23 Page - Texas Instruments

Part # LOG114
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LOG114_V01 Datasheet HTML 19Page - Texas Instruments LOG114_V01 Datasheet HTML 20Page - Texas Instruments LOG114_V01 Datasheet HTML 21Page - Texas Instruments LOG114_V01 Datasheet HTML 22Page - Texas Instruments LOG114_V01 Datasheet HTML 23Page - Texas Instruments LOG114_V01 Datasheet HTML 24Page - Texas Instruments LOG114_V01 Datasheet HTML 25Page - Texas Instruments LOG114_V01 Datasheet HTML 26Page - Texas Instruments LOG114_V01 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
A similar process can be used to configure an external rail-to-rail output op amp, such as the OPA383. The
OPA383 op amp can swing down to almost 0V (for details, refer to the OPA383 data sheet), therefore the scaling
factor can be approximated to be 2.5/3 and the corresponding VOFFSET is 1.24V. Figure 7-10 shows this circuit
configuration.
37.4k
100k
OPA383
–
+
V
REF
2.5V
100k
37.4k
V
LOGOUT
V
OUT = -5/6*VLOGOUT + 1.24
Figure 7-10. Operational Amplifier Configuration for Scaling and Offsetting the Output Going to ADC
Stage
7.2.3 Advantages of Dual−Supply Operation
The LOG114 performs well on a single 5V supply by level-shifting COM pin to half-supply and raising the
common-mode voltage (VCM IN pin) of the input amplifiers. This level-shift places the input amplifiers in the linear
operating range. However, there are also some advantages to operating the LOG114 on dual ±5V supplies.
These advantages include:
1. Eliminating the need for the 4.096V precision reference
2. Eliminating a small additional source of error arising from the noise and temperature drift of the level-shifting
voltage
3. Allowing increased magnitude of a reverse bias voltage on the photodiode
7.2.4 Log Ratio
One of the more common uses of log ratio amplifiers is to measure absorbance. See Figure 7-11 for a typical
application. Absorbance of the sample is A = log λ1′/λ1. If D1 and D2 are matched, A ∝ (0.375V) log(I1/I2).
A
1
+
–
R1
R3
A
3
+
–
R2
R4
A
2
+
–
I2
I1
VCM IN
COM
A
4
+
–
VO4
–IN4
+IN4
V+
VREF GND
I2
I1
LOG114
VLOGOUT
REF
VREF
A
5
–
+
VO5
+IN5
–IN5
R5
R6
V–
200
200
1.25k
1.25k
I2
I1
D1
D2
1
Sample
Light
Source
1
1'
5V
A.
VLOGOUT = 0.375 × log(I1/I2).
B.
VO4 = 0.375 × K × log(I1/I2), K = 1 + R6/R5.
Figure 7-11. Using the LOG114 to Measure Absorbance
www.ti.com
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com