Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G17 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

74LVC2G17 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # 74LVC2G17
Download  74LVC2G17 Download
File Size   1973.76 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual Schmitt-Trigger Buffer

74LVC2G17 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC2G17 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # 74LVC2G17
Download  74LVC2G17 Click to download

File Size   1973.76 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual Schmitt-Trigger Buffer

74LVC2G17 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


74LVC2G17 Product details

Features
+ Operate From 1.65V to 5.5
5 V tolerant inputioutput for interfacing with 5 V logic.
« £24mA output drive (Vee = 3.3V)
‘+ CMOS low-power consumption and high noise immunity
« cer Supports Partial-Power-Down Mode Operation
+ Latoh-up performance exceeds 100mA
+ Specified fiom -40 °C fo +125 °C.
« ESD Protection Exceeds JESD 22
= 2000-V Human-Body Model (A114-A)
— 1000-V Charged-Device Model (C101)
* SOT23-6 Package Available
« SOT363 Package Available




Similar Part No. - 74LVC2G17

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
74LVC2G17 ICST-74LVC2G17 Datasheet
84Kb / 16P
Dual non-inverting Schmitt-trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G17 NXP-74LVC2G17 Datasheet
98Kb / 16P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 04-9 October 2006
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER BUFFER
Rev 3
logo
NXP Semiconductors
74LVC2G17 NXP-74LVC2G17 Datasheet
205Kb / 19P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
More results


Similar Description - 74LVC2G17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
326Kb / 13P
DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17-Q1 TI-SN74LVC2G17-Q1 Datasheet
129Kb / 7P
DUAL SCHMITT-TRIGGER BUFFER
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
logo
ON Semiconductor
NLX2G17 ONSEMI-NLX2G17 Datasheet
97Kb / 8P
Dual Schmitt-Trigger Buffer
March, 2008 - Rev. 0
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17_09 Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17_10 Datasheet
600Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER BUFFER
Rev 3
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17 Datasheet
141Kb / 5P
DUAL SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC2G17-EP TI1-SN74LVC2G17-EP Datasheet
542Kb / 12P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI1-SN74LVC2G17_16 Datasheet
1Mb / 29P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com