Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998 Datasheet (PDF) - Texas Instruments

LP2998 Datasheet PDF - Texas Instruments
Part # LP2998
Download  LP2998 Download
File Size   2566.45 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2998/LP2998-Q1 DDR Termination Regulator

LP2998 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2998 Datasheet PDF - Texas Instruments

Part # LP2998
Download  LP2998 Click to download

File Size   2566.45 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2998/LP2998-Q1 DDR Termination Regulator

LP2998 Datasheet (HTML) - Texas Instruments


LP2998 Product details

1 Features
1• AEC-Q100 Test Guidance with the following
results (SO PowerPAD-8):
– Device HBM ESD Classification Level H1C
– Junction Temperature Range –40°C to 125°C
• 1.35 V Minimum VDDQ
• Source and Sink Current
• Low Output Voltage Offset
• No External Resistors Required
• Linear Topology
• Suspend to Ram (STR) Functionality
• Low External Component Count
• Thermal Shutdown

2 Applications
• DDR1, DDR2, DDR3, and DDR3L Termination
Voltage
• Automotive Infotainment
• FPGA
• Industrial/Medical PC
• SSTL-18, SSTL-2, and SSTL-3 Termination
• HSTL Termination

3 Description
The LP2998 linear regulator is designed to meet
JEDEC SSTL-2 and JEDEC SSTL-18 specifications
for termination of DDR-SDRAM and DDR2 memory.
The device also supports DDR3 and DDR3L VTT bus
termination with VDDQ min of 1.35 V. The device
contains a high-speed operational amplifier to provide
excellent response to load transients. The output stage prevents shoot through while delivering 1.5 A
continuous current and transient peaks up to 3 A in
the application as required for DDR-SDRAM
termination. The LP2998 also incorporates a VSENSE pin to provide superior load regulation and
a VREF output as a reference for the chipset and
DIMMs.
An additional feature found on the LP2998 is an
active low shutdown (SD) pin that provides Suspend
To RAM (STR) functionality. When SD is pulled low
the VTT output will tri-state providing a high
impedance output, but, VREF will remain active. A power savings advantage can be obtained in this
mode through lower quiescent current.




Similar Part No. - LP2998

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Texas Instruments
LP2998 TI-LP2998 Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
LP2998-Q1 TI1-LP2998-Q1 Datasheet
2Mb / 33P
DDR Termination Regulator
LP2998MA TI-LP2998MA Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
More results


Similar Description - LP2998

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com