Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP2998
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2998 Datasheet HTML 3Page - Texas Instruments LP2998 Datasheet HTML 4Page - Texas Instruments LP2998 Datasheet HTML 5Page - Texas Instruments LP2998 Datasheet HTML 6Page - Texas Instruments LP2998 Datasheet HTML 7Page - Texas Instruments LP2998 Datasheet HTML 8Page - Texas Instruments LP2998 Datasheet HTML 9Page - Texas Instruments LP2998 Datasheet HTML 10Page - Texas Instruments LP2998 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LP2998, LP2998-Q1
www.ti.com
SNVS521K – DECEMBER 2007 – REVISED AUGUST 2014
Electrical Characteristics (continued)
Typical limits tested at TJ = 25°C. Minimum and maximum limits apply over the full operating junction temperature range (TJ =
–40°C to 125°C).
(1) Unless otherwise specified, AVIN = PVIN = 2.5 V, VDDQ = 2.5 V.(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT = 0 A
–30
0
30
VTT Output Voltage Offset (VREF –
IOUT = –1.5 A
–30
0
30
VTT) for DDR I
(3)
IOUT = 1.5 A
–30
0
30
IOUT = 0 A
–30
0
30
VTT Output Voltage Offset (VREF –
IOUT = –0.5 A
–30
0
30
VTT) for DDR II
(3)
VOSVtt
mV
IOUT = 0.5 A
–30
0
30
IOUT = 0 A
–30
0
30
IOUT = ±0.2 A
–30
0
30
VTT Output Voltage Offset (VREF –
VTT) for DDR III
(3)
IOUT = ±0.4 A
–30
0
30
IOUT = ±0.5 A
–30
0
30
IQ
Quiescent Current (4)
IOUT = 0 A
320
500
µA
ZVDDQ
VDDQ Input Impedance
100
k
Ω
ISD
Quiescent current in shutdown (4)
SD = 0 V
115
150
µA
IQ_SD
Shutdown leakage current
SD = 0 V
2
5
VIH
Minimum Shutdown High Level
1.9
V
VIL
Maximum Shutdown Low Level
0.8
SD = 0 V
Iv
VTT leakage current in shutdown
1
10
µA
VTT = 1.25 V
ISENSE
VSENSE Input current
13
nA
TSD
Thermal Shutdown (5)
165
°C
TSD_HYS
Thermal Shutdown Hysteresis
10
(4)
Quiescent current defined as the current flow into AVIN.
(5)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction to ambient thermal
resistance, RθJA, and the ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature and the regulator will go into thermal shutdown.
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP2998 LP2998-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com