Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2998
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2998 Datasheet HTML 2Page - Texas Instruments LP2998 Datasheet HTML 3Page - Texas Instruments LP2998 Datasheet HTML 4Page - Texas Instruments LP2998 Datasheet HTML 5Page - Texas Instruments LP2998 Datasheet HTML 6Page - Texas Instruments LP2998 Datasheet HTML 7Page - Texas Instruments LP2998 Datasheet HTML 8Page - Texas Instruments LP2998 Datasheet HTML 9Page - Texas Instruments LP2998 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LP2998, LP2998-Q1
SNVS521K – DECEMBER 2007 – REVISED AUGUST 2014
www.ti.com
7.6 Electrical Characteristics
Typical limits tested at TJ = 25°C. Minimum and maximum limits apply over the full operating junction temperature range (TJ =
–40°C to 125°C).
(1) Unless otherwise specified, AVIN = PVIN = 2.5 V, VDDQ = 2.5 V.(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN = VDDQ = 2.3 V
1.135
1.158
1.185
VREF voltage (DDR I)
VIN = VDDQ = 2.5 V
1.235
1.258
1.285
VIN = VDDQ = 2.7 V
1.335
1.358
1.385
PVIN = VDDQ = 1.7 V
0.837
0.860
0.887
VREF
VREF voltage (DDR II)
PVIN = VDDQ = 1.8 V
0.887
0.910
0.937
V
PVIN = VDDQ = 1.9 V
0.936
0.959
0.986
PVIN = VDDQ = 1.35V
0.669
0.684
0.699
VREF Voltage (DDR III)
PVIN = VDDQ = 1.5V
0.743
0.758
0.773
PVIN = VDDQ = 1.6V
0.793
0.808
0.823
ZVREF
VREF Output Impedance
IREF = –30 to 30 µA
2.5
k
Ω
IOUT = 0 A
VIN = VDDQ = 2.3 V
1.120
1.159
1.190
VIN = VDDQ = 2.5 V
1.210
1.259
1.290
VIN = VDDQ = 2.7 V
1.320
1.359
1.390
VTT
VTT Output Voltage (DDR I)
(3)
V
IOUT = ±1.5 A
VIN = VDDQ = 2.3 V
1.125
1.159
1.190
VIN = VDDQ = 2.5 V
1.225
1.259
1.290
VIN = VDDQ = 2.7 V
1.325
1.359
1.390
IOUT = 0 A, AVIN = 2.5 V
PVIN = VDDQ = 1.7 V
0.822
0.856
0.887
PVIN = VDDQ = 1.8 V
0.874
0.908
0.939
PVIN = VDDQ = 1.9 V
0.923
0.957
0.988
VTT Output Voltage (DDR II)
(3)
V
IOUT = ±0.5A, AVIN = 2.5 V
PVIN = VDDQ = 1.7 V
0.820
0.856
0.890
PVIN = VDDQ = 1.8 V
0.870
0.908
0.940
PVIN = VDDQ = 1.9 V
0.920
0.957
0.990
IOUT = 0A, AVIN = 2.5 V
PVIN = VDDQ = 1.35V
0.656
0.677
0.698
PVIN = VDDQ = 1.5 V
0.731
0.752
0.773
PVIN = VDDQ = 1.6 V
0.781
0.802
0.823
IOUT = 0.2 A, AVIN = 2.5V
0.667
0.688
0.710
PVIN = VDDQ = 1.35V
IOUT = -0.2A, AVIN = 2.5V
0.641
0.673
0.694
PVIN = VDDQ = 1.35V
VTT Output Voltage (DDR III)
(3)
V
IOUT = 0.4 A, AVIN = 2.5 V
0.740
0.763
0.786
PVIN = VDDQ = 1.5 V
IOUT = –0.4 A, AVIN = 2.5 V
0.731
0.752
0.773
PVIN = VDDQ = 1.5 V
IOUT = 0.5 A, AVIN = 2.5 V
0.790
0.813
0.836
PVIN = VDDQ = 1.6 V
IOUT = –0.5 A, AVIN = 2.5 V
0.781
0.802
0.823
PVIN = VDDQ = 1.6 V
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate Texas Instruments' Average Outgoing Quality Level (AOQL).
(2)
VIN is defined as VIN = AVIN = PVIN.
(3)
VTT load regulation is tested by using a 10 ms current pulse and measuring VTT.
6
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: LP2998 LP2998-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com