Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS455D Datasheet (PDF) - Texas Instruments

SLAS455D Datasheet PDF - Texas Instruments
Part # SLAS455D
Download  SLAS455D Download
File Size   2277.8 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

SLAS455D Datasheet (PDF)

Go To PDF Page Download Datasheet
SLAS455D Datasheet PDF - Texas Instruments

Part # SLAS455D
Download  SLAS455D Click to download

File Size   2277.8 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

SLAS455D Datasheet (HTML) - Texas Instruments


SLAS455D Product details

Low Supply-Voltage Range, 1.8 V to 3.6 V
Ultralow-Power Consumption:
Active Mode: 250 μA at 1 MHz, 2.2 V
Standby Mode: 1.1 μA
Off Mode (RAM Retention): 0.1 μA
Five Power Saving Modes
Wake-Up From Standby Mode in Less
Than 6 μs
16-Bit RISC Architecture,
125-ns Instruction Cycle Time
16-Bit Sigma-Delta A/D Converter With
Internal Reference and Five Differential
Analog Inputs
12-Bit D/A Converter
16-Bit Timer_A With Three
Capture/Compare Registers
Brownout Detector
Bootstrap Loader
Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
Integrated LCD Driver With Contrast
Control for Up to 56 Segments
MSP430x42x0 Family Members Include:
MSP430F4250: 16KB+256B Flash Memory
256B RAM
MSP430F4260: 24KB+256B Flash Memory
256B RAM
MSP430F4270: 32KB+256B Flash Memory
256B RAM
For Complete Module Descriptions, See
The MSP430x4xx Family User’s Guide,
Literature Number SLAU056
For Additional Device Information, See The
MSP430F42x0 Device Erratasheet,
Literature Number SLAZ022

description
The Texas Instruments MSP430 family of ultralow-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6 μs.
The MSP430F42x0 is a microcontroller configuration with a 16-bit timer, a high performance 16-bit sigma-delta
A/D converter, 12-bit D/A converter, 32 I/O pins, and a liquid crystal display driver.
Typical applications for this device include analog and digital sensor systems, digital motor control, remote
controls, thermostats, digital timers, hand-held meters, etc.




Similar Part No. - SLAS455D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
SLAS191A TI-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
SLAS363 TI2-SLAS363 Datasheet
728Kb / 58P
Low Power CMOS, 16-Bit, 26-KSPS Codec With Smart Time Division Multiplexed (SMARTDM™) Serial Port
OCTOBER 2003
SLAS363 TI2-SLAS363 Datasheet
684Kb / 56P
SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
OCTOBER 2003
SLAS365 TI2-SLAS365 Datasheet
728Kb / 58P
Low Power CMOS, 16-Bit, 26-KSPS Codec With Smart Time Division Multiplexed (SMARTDM™) Serial Port
OCTOBER 2003
More results


Similar Description - SLAS455D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com