Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS455D Datasheet(PDF) 10 Page - Texas Instruments

Part # SLAS455D
Description  MIXED SIGNAL MICROCONTROLLER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS455D Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLAS455D Datasheet HTML 6Page - Texas Instruments SLAS455D Datasheet HTML 7Page - Texas Instruments SLAS455D Datasheet HTML 8Page - Texas Instruments SLAS455D Datasheet HTML 9Page - Texas Instruments SLAS455D Datasheet HTML 10Page - Texas Instruments SLAS455D Datasheet HTML 11Page - Texas Instruments SLAS455D Datasheet HTML 12Page - Texas Instruments SLAS455D Datasheet HTML 13Page - Texas Instruments SLAS455D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
special function registers
The MSP430 special function registers(SFR) are located in the lowest address space, and are organized as
byte mode registers. SFRs should be accessed with byte instructions.
interrupt enable registers 1 and 2
76
5
4
0
OFIE
WDTIE
32
1
rw–0
rw–0
rw–0
Address
0h
ACCVIE
NMIIE
rw–0
WDTIE:
Watchdog-timer interrupt enable. Inactive if watchdog mode is selected.
Active if watchdog timer is configured as a general-purpose timer.
OFIE:
Oscillator-fault-interrupt enable
NMIIE:
Nonmaskable-interrupt enable
ACCVIE:
Flash access violation interrupt enable
76
5
4
0
32
1
Address
01h
rw–0
BTIE
BTIE:
Basic timer interrupt enable
interrupt flag registers 1 and 2
76
5
4
0
OFIFG
WDTIFG
32
1
rw–0
rw–1
rw–(0)
Address
02h
NMIIFG
WDTIFG:
Set on watchdog timer overflow (in watchdog mode) or security key violation
Reset on VCC power-on or a reset condition at the RST/NMI pin in reset mode
OFIFG:
Flag set on oscillator fault
NMIIFG:
Set via RST/NMI pin
76
5
4
0
32
1
Address
03h
BTIFG
rw–0
BTIFG:
Basic timer flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com