Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS455D Datasheet(PDF) 36 Page - Texas Instruments

Part # SLAS455D
Description  MIXED SIGNAL MICROCONTROLLER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS455D Datasheet(HTML) 36 Page - Texas Instruments

Back Button SLAS455D Datasheet HTML 32Page - Texas Instruments SLAS455D Datasheet HTML 33Page - Texas Instruments SLAS455D Datasheet HTML 34Page - Texas Instruments SLAS455D Datasheet HTML 35Page - Texas Instruments SLAS455D Datasheet HTML 36Page - Texas Instruments SLAS455D Datasheet HTML 37Page - Texas Instruments SLAS455D Datasheet HTML 38Page - Texas Instruments SLAS455D Datasheet HTML 39Page - Texas Instruments SLAS455D Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
12-bit DAC, reference input specifications
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
V
Reference input
DAC12IR=0, (see Notes 1 and 2)
2.2V/3V
AVCC/3
AVCC+0.2
V
VREF
Reference input
voltage range
DAC12IR=1, (see Notes 3 and 4)
2.2V/3V
AVCC
AVCC+0.2
V
Ri
Reference input
DAC12IR=0
2.2V/3V
20
M
Ω
Ri(VREF)
Reference input
resistance
DAC12IR=1
2.2V/3V
40
48
56
k
Ω
NOTES:
1. For a full-scale output, the reference input voltage can be as high as 1/3 of the maximum output voltage swing (AVCC).
2. The maximum voltage applied at reference input voltage terminal VREF = [AVCC − VE(O)] / [3*(1 + EG)].
3. For a full-scale output, the reference input voltage can be as high as the maximum output voltage swing (AVCC).
4. The maximum voltage applied at reference input voltage terminal VREF = [AVCC − VE(O)] / (1 + EG).
12-bit DAC, dynamic specifications; VREF,DAC12 = AVCC, DAC12IR = 1 (see Figure 16 and Figure 17)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
DAC12 on
DAC12_xDAT = 800h,
DAC12AMPx=0
→ {2, 3, 4}
2.2V/3V
60
120
tON
DAC12 on-
time
DAC12_xDAT = 800h,
ErrorV(O) < ±0.5 LSB
DAC12AMPx=0
→ {5, 6}
2.2V/3V
15
30
μs
tON
time
ErrorV(O) < ±0.5 LSB
(see Note 1,Figure 16)
DAC12AMPx=0
→ 7
2.2V/3V
6
12
μs
Settling
DAC12 xDAT
DAC12AMPx=2
2.2V/3V
100
200
tS(FS)
Settling
time full scale
DAC12_xDAT =
80h
→ F7Fh→ 80h
DAC12AMPx=3,5
2.2V/3V
40
80
μs
tS(FS)
time,full-scale
80h
→ F7Fh→ 80h
DAC12AMPx=4,6,7
2.2V/3V
15
30
μs
Settling time
DAC12_xDAT =
DAC12AMPx=2
2.2V/3V
5
tS(C-C)
Settling time,
code to code
DAC12_xDAT =
3F8h
→ 408h→ 3F8h
DAC12AMPx=3,5
2.2V/3V
2
μs
tS(C-C)
code to code
3F8h
→ 408h→ 3F8h
BF8h
→ C08h→ BF8h
DAC12AMPx=4,6,7
2.2V/3V
1
μs
DAC12 xDAT
DAC12AMPx=2
2.2V/3V
0.05
0.12
SR
Slew Rate
DAC12_xDAT =
80h
→ F7Fh→ 80h
DAC12AMPx=3,5
2.2V/3V
0.35
0.7
V/
μs
SR
Slew Rate
80h
→ F7Fh→ 80h
DAC12AMPx=4,6,7
2.2V/3V
1.5
2.7
V/
μs
DAC12 xDAT
DAC12AMPx=2
2.2V/3V
10
Glitch energy: full-scale
DAC12_xDAT =
80h
→ F7Fh→ 80h
DAC12AMPx=3,5
2.2V/3V
10
nV-s
Glitch energy: full scale
80h
→ F7Fh→ 80h
DAC12AMPx=4,6,7
2.2V/3V
15
nV s
NOTES:
1. RLoad and CLoad connected to AVSS (not AVCC/2) in Figure 16.
2. Slew rate applies to output voltage steps
≥ 200mV.
RLoad
AVCC
CLoad = 100pF
2
DAC Output
RO/P(DAC12.x)
ILoad
Conversion 1
Conversion 2
VOUT
Conversion 3
Glitch
Energy
+/− 1/2 LSB
+/− 1/2 LSB
tsettleLH
tsettleHL
= 3 k
Ω
Figure 16. Settling Time and Glitch Energy Testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com