Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS455D Datasheet(PDF) 4 Page - Texas Instruments

Part # SLAS455D
Description  MIXED SIGNAL MICROCONTROLLER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS455D Datasheet(HTML) 4 Page - Texas Instruments

  SLAS455D Datasheet HTML 1Page - Texas Instruments SLAS455D Datasheet HTML 2Page - Texas Instruments SLAS455D Datasheet HTML 3Page - Texas Instruments SLAS455D Datasheet HTML 4Page - Texas Instruments SLAS455D Datasheet HTML 5Page - Texas Instruments SLAS455D Datasheet HTML 6Page - Texas Instruments SLAS455D Datasheet HTML 7Page - Texas Instruments SLAS455D Datasheet HTML 8Page - Texas Instruments SLAS455D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
MSP430F42x0
MIXED SIGNAL MICROCONTROLLER
SLAS455D − MARCH 2005 − REVISED APRIL 2007
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430F42x0 functional block diagram
DVCC
DVSS
AVCC
AVSS
RST/NMI
P2
Flash
32KB
24KB
16KB
RAM
256B
Watchdog
Timer+
WDT+
15/16-Bit
Port 2
8 I/O
Interrupt
Capability
POR/
Brownout
Basic
Timer 1
1 Interrupt
Vector
LCD_A
56
Segments
1,2,3,4 MUX
fLCD
8
MCLK
XOUT
JTAG
Interface
XIN
SMCLK
ACLK
MDB
MAB
Emulation
P3
Port 3
8 I/O
8
Module
P1
Port 1
8 I/O
Interrupt
Capability
8
P4
Port 4
8 I/O
8
SD16_A
16 Bit
Oscillator
FLL+
8 MHz
CPU
incl. 16
Registers
P5
Port 5
8 I/O
8
P6
Port 6
8 I/O
8
Timer_A3
3 CC Reg
DAC12
12 Bit
1 Channel
Voltage Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com