Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2132 Datasheet (PDF) - Texas Instruments

OPA2132 Datasheet PDF - Texas Instruments
Part # OPA2132
Download  OPA2132 Download
File Size   1317.8 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx132 High-Speed FET-Input Operational Amplifiers

OPA2132 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2132 Datasheet PDF - Texas Instruments

Part # OPA2132
Download  OPA2132 Click to download

File Size   1317.8 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx132 High-Speed FET-Input Operational Amplifiers

OPA2132 Datasheet (HTML) - Texas Instruments


OPA2132 Product details

1 Features
• A newer version of this device is now available:
OPA2156
• FET input: IB = 50pA Maximum
• Wide bandwidth: 8MHz
• High slew rate: 20V/μs
• Low noise: 8nV/√Hz (1kHz)
• Low distortion: 0.00008%
• High open-loop gain: 126dB (2kΩ load)
• Wide supply range: ±2.5V to ±18V
• Low offset voltage: 500μV maximum
• Single, dual, and quad versions

2 Applications
• SAR ADC driver
• Voltage reference buffer
• Trans-impedance amplifier
• Photodiode amplifier
• Active filter
• Integrator

3 Description
The OPA132, OPA2132, and OPA4132 (OPAx132)
series of FET-input operational amplifiers provides
high speed and excellent dc performance. The
combination of high slew rate and wide bandwidth
provide fast settling time. The single, dual,
and quad versions have identical specifications
for maximum design flexibility. High-performance
grades are available in the single and dual
versions. All are an excellent choice for generalpurpose,
audio, data-acquisition, and communications
applications, especially where high source impedance
is encountered.
The OPAx132 operational amplifiers are easy to use
and free from phase inversion and overload problems
often found in common FET-input operational
amplifiers. Input cascode circuitry provides excellent
common-mode rejection and maintains low input
bias current over the wide input voltage range. The
OPAx132 series of operational amplifiers are stable
in unity gain and provide excellent dynamic behavior
over a wide range of load conditions, including high
load capacitance. Dual and quad versions feature
completely independent circuitry for lowest crosstalk
and freedom from interaction, even when overdriven
or overloaded.
The single version is available in 8-pin SOIC surface
mount package, the dual version is available in 8-pin
DIP and SOIC surface-mount packages. The quad
version is available in SOIC surface-mount packages.
All are specified for –40°C to +85°C operation.
The OPA2156 is a next-generation version, offering
lower broadband noise (3nV/√Hz), wider bandwidth
(25MHz), and rail-to-rail inputs.




Similar Part No. - OPA2132

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2132 BURR-BROWN-OPA2132 Datasheet
521Kb / 13P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132 BURR-BROWN-OPA2132 Datasheet
576Kb / 14P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132P BURR-BROWN-OPA2132P Datasheet
998Kb / 7P
High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132P BURR-BROWN-OPA2132P Datasheet
521Kb / 13P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132P BURR-BROWN-OPA2132P Datasheet
576Kb / 14P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
More results


Similar Description - OPA2132

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
J-FET Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA2132 BURR-BROWN-OPA2132 Datasheet
521Kb / 13P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
High-Speed FET-Input Operational Amplifiers
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
TL08xx FET-Input Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com