Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS308RT Datasheet (PDF) - Integrated Device Technology

ICS308RT Datasheet PDF - Integrated Device Technology
Part # ICS308RT
Download  ICS308RT Download
File Size   179.28 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER

ICS308RT Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS308RT Datasheet PDF - Integrated Device Technology

Part # ICS308RT
Download  ICS308RT Click to download

File Size   179.28 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER

ICS308RT Datasheet (HTML) - Integrated Device Technology


ICS308RT Product details

Description
The ICS308 is a versatile serially programmable, quad PLL clock source. The ICS308 can generate any frequency from 250 kHz to 200 MHz, and up to 6 different output frequencies simultaneously. The outputs can be reprogrammed on the fly, and will lock to a new frequency in 10 ms or less. Smooth transitions (in which the clock duty cycle remains roughly 50%) are guaranteed if the output divider is not changed.

Features
• Packaged in 20-pin SSOP (QSOP)
• Available in Pb (lead) free package
• Operating voltage of 3.3 V
• Highly accurate frequency generation
    • M/N Multiplier PLL: M = 1..2048, N = 1..1024
• Serially programmable: user determines the output frequency via a 3-wire interface
• Eliminates need for custom quartz oscillators
• Input crystal frequency of 5 - 27 MHz
    • Optional programmable on-chip crystal capacitors
• Output clock frequencies up to 200 MHz
• Reference clock output
• Power down tri-state mode
• Very low jitter




Similar Part No. - ICS308RT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS308RT ICST-ICS308RT Datasheet
134Kb / 8P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
Revision 090704
More results


Similar Description - ICS308RT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS345 ICST-ICS345 Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS308 ICST-ICS308 Datasheet
134Kb / 8P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
Revision 090704
ICS309 ICST-ICS309 Datasheet
132Kb / 8P
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTHESIZER
Revision 122704
ICS348 ICST-ICS348 Datasheet
159Kb / 7P
Quad PLL Field Programmable VersaClock Synthesizer
Revision 051705
ICS348-22 ICST-ICS348-22 Datasheet
163Kb / 8P
Quad PLL Field Programmable VersaClock Synthesizer
Revision 120704
logo
Integrated Device Techn...
ICS345 IDT-ICS345 Datasheet
207Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS308 IDT-ICS308_10 Datasheet
154Kb / 9P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
ICS309 IDT-ICS309 Datasheet
123Kb / 10P
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK1716-01 RENESAS-MK1716-01 Datasheet
371Kb / 10P
SERIAL PROGRAMMABLE PCI SS VERSACLOCK SYNTHESIZER
051310
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com