Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS308RT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS308RT
Description  SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS308RT Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS308RT Datasheet HTML 1Page - Integrated Device Technology ICS308RT Datasheet HTML 2Page - Integrated Device Technology ICS308RT Datasheet HTML 3Page - Integrated Device Technology ICS308RT Datasheet HTML 4Page - Integrated Device Technology ICS308RT Datasheet HTML 5Page - Integrated Device Technology ICS308RT Datasheet HTML 6Page - Integrated Device Technology ICS308RT Datasheet HTML 7Page - Integrated Device Technology ICS308RT Datasheet HTML 8Page - Integrated Device Technology ICS308RT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
ICS308
IDT™ / ICS™ SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER 1
ICS308
REV J 120507
Description
The ICS308 is a versatile serially programmable, quad
PLL clock source. The ICS308 can generate any
frequency from 250 kHz to 200 MHz, and up to 6
different output frequencies simultaneously. The
outputs can be reprogrammed on the fly, and will lock to
a new frequency in 10 ms or less. Smooth transitions
(in which the clock duty cycle remains roughly 50%) are
guaranteed if the output divider is not changed.
The device includes a PDTS pin which tri-states the
output clocks and powers down the entire chip.
The ICS308 default for non-programmed start-up are
buffered reference clock outputs on all clock output
pins.
Features
Packaged in 20-pin SSOP (QSOP)
Available in Pb (lead) free package
Operating voltage of 3.3 V
Highly accurate frequency generation
M/N Multiplier PLL: M = 1..2048, N = 1..1024
Serially programmable: user determines the output
frequency via a 3-wire interface
Eliminates need for custom quartz oscillators
Input crystal frequency of 5 - 27 MHz
Optional programmable on-chip crystal capacitors
Output clock frequencies up to 200 MHz
Reference clock output
Power down tri-state mode
Very low jitter
Block Diagram
C rystal
O scillator
GN D
2
3
VDD
PDT S
PLL2
PLL3
Divide
Logic
and
Output
Enable
Control
SCLK
DATA
CLK1
CLK9
CLK8
CLK7
CLK6
CLK5
CLK4
CLK3
CLK2
PLL4
PLL1
X2
Cry stal or
cloc k input
E xternal capacitors are
required w ith a crystal input.
X 1/IC LK
STROBE


Similar Part No. - ICS308RT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS308RT ICST-ICS308RT Datasheet
134Kb / 8P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
Revision 090704
More results

Similar Description - ICS308RT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS345 ICST-ICS345 Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS308 ICST-ICS308 Datasheet
134Kb / 8P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
Revision 090704
ICS309 ICST-ICS309 Datasheet
132Kb / 8P
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTHESIZER
Revision 122704
ICS348 ICST-ICS348 Datasheet
159Kb / 7P
Quad PLL Field Programmable VersaClock Synthesizer
Revision 051705
ICS348-22 ICST-ICS348-22 Datasheet
163Kb / 8P
Quad PLL Field Programmable VersaClock Synthesizer
Revision 120704
logo
Integrated Device Techn...
ICS345 IDT-ICS345 Datasheet
207Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS308 IDT-ICS308_10 Datasheet
154Kb / 9P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
ICS309 IDT-ICS309 Datasheet
123Kb / 10P
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK1716-01 RENESAS-MK1716-01 Datasheet
371Kb / 10P
SERIAL PROGRAMMABLE PCI SS VERSACLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com