Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320TR Datasheet (PDF) - STMicroelectronics

L99DZ320TR Datasheet PDF - STMicroelectronics
Part # L99DZ320TR
Download  L99DZ320TR Download
File Size   8394.55 Kbytes
Page   146 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive rear door device with CAN FD and LIN

L99DZ320TR Datasheet (PDF)

Go To PDF Page Download Datasheet
L99DZ320TR Datasheet PDF - STMicroelectronics

Part # L99DZ320TR
Download  L99DZ320TR Click to download

File Size   8394.55 Kbytes
Page   146 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive rear door device with CAN FD and LIN

L99DZ320TR Datasheet (HTML) - STMicroelectronics


L99DZ320TR Product details

Features
• AEC-Q100 qualified
• 1 half bridge for 7.5 A load (RON = 100 mΩ)
• 1 half bridge for 6 A load (RON = 150 mΩ)
• 1 half bridge for 3 A load (RON = 300 mΩ)
• 1 configurable high-side driver for up to 1.5 A (RON = 300 mΩ) or 0.35 A
(RON = 1600 mΩ) load
• 2 high-side drivers for 0.5 A (RON = 1.4 Ω)
• 6 high-side drivers for 0.15 A (RON = 7 Ω)
• CAN FD transceiver supporting communication up to 5 Mbit/s
(ISO 11898-2/2016 and SAE J2284 compliant) with local failure and bus failure
diagnosis
• LIN transceiver ISO 17987-4/2016 compliant
• Advanced lock & fold closing by means of PWM control on HB6 and HB4-HB5
• Advanced short-circuit detection on all the half bridges
• All HS drivers with constant current mode at startup to drive capacitive loads
• Internal 10-bit PWM timer for each standalone high-side driver
• Buffered supply for voltage regulators and 2 high-side drivers (HS15&HS0/both
P-channel) to supply, for example, external contacts
• Programmable overcurrent recovery function, to drive loads with higher inrush
currents as current limitation value (for HB4-HB6, HS7-HS9)
• Flexible HS drivers (HS7-HS15 and HS0), suitable to drive external LED
modules with high input capacitance value
• Programmable periodic system wake-up feature
• Complete 2-channel contact monitoring interface, with programmable cyclic
sense functionality, one of them also with DIR functionality
• Dedicated debug input pin
• Configurable window watchdog
• STMicroelectronics standard serial peripheral interface (32-bit/ST-SPI 4.0)
• Programmable reset generator for power-on and undervoltage
• Ultra low-quiescent current in standby modes
• No electrolytic capacitor required on regulator outputs
• Two 5 V voltage regulators for microcontroller and peripheral supply
• Central two-stage charge pumps
• Motor bridge driver for 4 external MOSFETs, in H-bridge configuration with
short-circuit protection/diagnosis and openload diagnosis
• Diagnostic functions
• Current monitor output for all internal high-side drivers
• Digital thermal clusters
• The device contains temperature warning and protection
• Open-load diagnosis for all the outputs
• Overcurrent protection for all the outputs




Similar Part No. - L99DZ320TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99DZ300G STMICROELECTRONICS-L99DZ300G Datasheet
8Mb / 157P
Automotive front door device with CAN FD and LIN
09-Oct-2024
L99DZ300GTR STMICROELECTRONICS-L99DZ300GTR Datasheet
8Mb / 157P
Automotive front door device with CAN FD and LIN
09-Oct-2024
L99DZ380 STMICROELECTRONICS-L99DZ380 Datasheet
9Mb / 172P
Automotive high end front door module with 2 LIN and CAN FD
26-Sep-2024
L99DZ380TR STMICROELECTRONICS-L99DZ380TR Datasheet
9Mb / 172P
Automotive high end front door module with 2 LIN and CAN FD
26-Sep-2024
More results


Similar Description - L99DZ320TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
Automotive Fault Protected CAN Transceiver with CAN FD
logo
Keysight Technologies
N8803C KEYSIGHT-N8803C Datasheet
1Mb / 10P
CAN, LIN, FlexRay, and CAN-FD Protocol
logo
STMicroelectronics
L99DZ120 STMICROELECTRONICS-L99DZ120 Datasheet
2Mb / 162P
Automotive door actuator driver with embedded LIN
22-Nov-2016
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
Automotive Fault Protected CAN Transceiver with CAN FD
logo
NXP Semiconductors
FS6500 NXP-FS6500 Datasheet
740Kb / 20P
Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
logo
STMicroelectronics
L99DZ200G STMICROELECTRONICS-L99DZ200G Datasheet
4Mb / 198P
Automotive front door device with LIN and CAN providing dual H-bridge driving
06-Apr-2021
SPSB081 STMICROELECTRONICS-SPSB081 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
L99DZ100G STMICROELECTRONICS-L99DZ100G Datasheet
4Mb / 197P
Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
11-Mar-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com