Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99DZ320TR Datasheet HTML 3Page - STMicroelectronics L99DZ320TR Datasheet HTML 4Page - STMicroelectronics L99DZ320TR Datasheet HTML 5Page - STMicroelectronics L99DZ320TR Datasheet HTML 6Page - STMicroelectronics L99DZ320TR Datasheet HTML 7Page - STMicroelectronics L99DZ320TR Datasheet HTML 8Page - STMicroelectronics L99DZ320TR Datasheet HTML 9Page - STMicroelectronics L99DZ320TR Datasheet HTML 10Page - STMicroelectronics L99DZ320TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 146 page
background image
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the Table 2. Absolute maximum ratings may cause permanent
damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Table 2. Absolute maximum ratings
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VS, VSreg
DC supply voltage/jump start
-0.3
28
V
VS, VSreg
DC supply voltage/load dump
-0.3
40
5V1
Stabilized supply voltage, logic supply
V1 <
VSREG
-0.3
6.5
V
5V2
Stabilized supply voltage (1)
-0.3
28
V
VDI,VCLK, VCSN,
VDO, VRXDL/NINT,
VRXDC, VNRESET,
VCM, VPWMH,
VDIRH, VPWM6,
VPWM4-5
Logic input/output voltage range
-0.3
V1+0.3
V
VTXDC, VTXDL
Logic input/output voltage range
-0.3
V1+0.3
V
VDebug
Debug input pin voltage range
-0.3
VS+0.3
V
VEI1
DC external input voltage/“jump start”
-0.3
28
V
VDIR1/EI2
DC external input voltage/“jump start”
-0.3
28
V
VLIN
LIN bus I/O voltage range
-27
40
V
IInput
Current injection into VS related input pins
20
mA
Iout_inj
Current injection into VS related outputs
20
mA
VCANSUP
CAN supply
-0.3
5.25
V
VCANH, VCANL
CAN bus I/O voltage range
-27
40
V
VCANH - VCANL
Differential CAN-bus voltage
-5
10
V
VHBn, VHSm,
VHS0
Output voltage:
• for HB (n = 4 to 6)
• for HS (m = 7 to )
-0.3
VS+0.3
V
VGH1, VGH2,
(VGxy)
High voltage signal pins
VCP+0.3
VSxy-0.3
VSxy+13
V
VGL1, VGL2
High voltage signal pins
VCP+0.3
-0.3
12
V
VSH1, VSH2 (VSxy)
High voltage signal pins
-1
40
V
High voltage signal pins; single pulse with tmax. = 200 ns
-5
40
V
VCP1P
High voltage signal pins
VS-0.3
VS+10
V
VCP2P
High voltage signal pins
VS-0.6
VS+10
V
VCP1M, VCP2M
High voltage signal pins
-0.3
VS+0.3
V
VCP
High voltage signal pin
VS ≤ 26 V
VS-0.3
VS+14
V
VS > 26 V
VS-0.3
40
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 7/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com