Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99DZ320TR Datasheet HTML 35Page - STMicroelectronics L99DZ320TR Datasheet HTML 36Page - STMicroelectronics L99DZ320TR Datasheet HTML 37Page - STMicroelectronics L99DZ320TR Datasheet HTML 38Page - STMicroelectronics L99DZ320TR Datasheet HTML 39Page - STMicroelectronics L99DZ320TR Datasheet HTML 40Page - STMicroelectronics L99DZ320TR Datasheet HTML 41Page - STMicroelectronics L99DZ320TR Datasheet HTML 42Page - STMicroelectronics L99DZ320TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 146 page
background image
Figure 9. LIN transmit, receive timing
t
t
t
20%
80%
VLINrec
VTHrec
VTHdom
VLINdom
VTXD
VRXD
VLIN
tTXpdf
tRXpdr
tTXpdr
tRXpdf
2.4.20
SPI
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
6 V < VSREG < 18 V, all outputs open, TJ = -40 °C to 150 °C, unless otherwise specified.
Table 39. Input: CSN
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
VCSNLOW
Input voltage low level
Normal mode, V1 = 5 V
1.0
1.45
V
B.001
VCSNHIGH
Input voltage high level
Normal mode, V1 = 5 V
1.85
2.3
V
B.002
VCSNHYS
VCSNHIGH - VCSNLOW
Normal mode, V1 = 5 V
0.2
0.4
V
B.003
ICSNPU
CSN pull-up resistor
Normal mode, V1 = 5 V
13
29
46
kΩ
B.004
Table 40. Inputs: CLK, DI
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Item
tset(1)
Delay time from V1_Standby to
active mode
Switching from V1_Standby to active mode using SPI wake-
up access. Time until output drivers (P-channel) are enabled
after CSN going to high. (First SPI wake-up access include
the enable of the driver)
60
µs
B.005
Switching from V1_Standby to active mode using SPI wake-
up access. Time until output drivers (N-channel) are enabled
after CSN going to high.
600
µs
B.006
Vin L
Input low level
V1 = 5 V
1.0 1.45
V
B.007
Vin H
Input high level
V1 = 5 V
1.8
2.3
V
B.008
Vin Hyst Input hysteresis
V1 = 5 V
0.2
0.4
V
B.009
Iin
Pull-down current at input
Vin = 1 V
5
30
60
µA
B.010
Cin(1)
Input capacitance at input CSN,
CLK, DI, PWM1-6 and PWM4-5
0 V < V1 < 5.3 V
10
15
pF
B.011
fCLK
SPI input frequency at CLK
4
MHz B.012
1. Parameter specified by design, not tested in production.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 39/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com