Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99DZ320TR Datasheet HTML 17Page - STMicroelectronics L99DZ320TR Datasheet HTML 18Page - STMicroelectronics L99DZ320TR Datasheet HTML 19Page - STMicroelectronics L99DZ320TR Datasheet HTML 20Page - STMicroelectronics L99DZ320TR Datasheet HTML 21Page - STMicroelectronics L99DZ320TR Datasheet HTML 22Page - STMicroelectronics L99DZ320TR Datasheet HTML 23Page - STMicroelectronics L99DZ320TR Datasheet HTML 24Page - STMicroelectronics L99DZ320TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
2.4.11
Power outputs switching times
Table 17. Power outputs switching times
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Items
td ON H
Output delay time high-side driver on
HS7 low resistance
VS = 13.5 V(1)(2)
See Figure 13. SPI CSN output timing
5.5
77.5
µs
D.099
Output delay time high-side driver on
HS7 high resistance
15
35
60
µs
D.100
td OFF H
Output delay time high-side driver off
HS7 low resistance
VS = 13.5 V(1)(2)
See Figure 13. SPI CSN output timing
7
150
300
µs
D.101
Output delay time high-side driver off
HS7 high resistance
9
18
45
µs
D.102
td ON H
Output delay time high-side driver on
(HB6)
VS = 13.5 V(2)
corresponding high-side driver is not
active; Rload = 16 Ω
(from CSN 50% to OUT 20%)
0.05
5
µs
D.029
td OFF H
Output delay time high-side driver off
(HB6)
VS = 13.5 V(2)
Rload = 16 Ω
(from CSN 50% to OUT 80%)
0.05
7
µs
D.031
td ON L
Output delay time low-side driver on
(HB6)
VS = 13.5 V(2)
corresponding high-side driver is not
active 3
Rload = 16 Ω
(from CSN 50% to OUT 80%)
0.05
3
µs
D.035
td OFF L
Output delay time low-side driver off
(HB6)
VS = 13.5 V(1)
corresponding high-side driver is not
active 1
(from CSN 50% to OUT 20%)
0.05
3
µs
D.036
td ON H
Output delay time high-side driver on
(HB4)
VS = 13.5 V(3)
corresponding high-side driver is not
active;
(from CSN 50% to OUT 20%)
0.05
5
µs
D.107
td OFF H
Output delay time high-side driver off
(HB4)
VS = 13.5 V(3)
(from CSN 50% to OUT 80%)
0.05
7
µs
D.108
td ON L
Output delay time low-side driver on
(HB4)
VS = 13.5 V(3)
corresponding high-side driver is not
active;
(from CSN 50% to OUT 80%)
0.05
3
µs
D.109
td OFF L
Output delay time low-side driver off
(HB4)
VS = 13.5 V(3)
(from CSN 50% to OUT 20%)
0.05
3
µs
D.110
td ON H
Output delay time high-side driver on
(HB5)
VS = 13.5 V(3)
corresponding high-side driver is not
active;
(from CSN 50% to OUT 20%)
0.05
5
µs
D.111
td OFF H
Output delay time high-side driver off
(HB5)
VS = 13.5 V(3)
(from CSN 50% to OUT 80%)
0.05
7
µs
D.112
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 21/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com